| 전자부품 데이터시트 검색엔진 |
|
AP02002 데이터시트(PDF) 26 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 데이터시트(HTML) 26 Page - Diodes Incorporated |
|
26 / 32 page ![]() AP02002 Rev. 44 26 of 32 www.diodes.com Package Outline Dimensions © Diodes Incorporated GBJ _ B C D EE G H K J I L M N P R S A GBJ Dim Min Max A 29.70 30.30 B 19.70 20.30 C 17.00 18.00 D 3.80 4.20 E 7.30 7.70 G 9.80 10.20 H 2.00 2.40 I 0.90 1.10 J 2.30 2.70 K 3.0 X 45 ° L 4.40 4.80 M 3.40 3.80 N 3.10 3.40 P 2.50 2.90 R 0.60 0.80 S 10.80 11.20 All Dimensions in mm GBPC GBPC-W C A G E B H (AC) (AC) (+) ( - ) H J A C F GBPC Dim Min Max A 28.30 28.80 B 7.40 8.00 C 16.10 17.10 E 18.80 21.30 G 13.80 14.80 H Hole for #10 screw 5.08 ∅ 5.59 ∅ J 17.60 18.60 F 6.30 6.50 All Dimensions in mm K A M B H H L J A J (AC) (AC) ( - ) ( + ) GBPC-W Dim Min Max A 28.30 28.80 B 7.40 8.00 H Hole for #10 screw 5.08 ∅ 5.59 ∅ J 17.60 18.60 K 10.90 11.90 L 0.97 ∅ 1.07 ∅ M 31.80 ⎯ All Dimensions in mm GBU - ~ ~ + A B K D E F G H J M N P L C O GBU Dim Min Max A 21.8 22.3 B 3.5 4.1 C 7.4 7.9 D 1.65 2.16 E 2.25 2.75 F 1.95 2.35 G 1.02 1.27 H 4.83 5.33 J 17.5 18.0 K 3.2 X 45 ° L 18.3 18.8 M 3.30 3.56 N 0.46 0.56 O 1.90R P 0.76 1.0 All Dimensions in mm |