| 전자부품 데이터시트 검색엔진 |
|
AP02002 데이터시트(PDF) 32 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 데이터시트(HTML) 32 Page - Diodes Incorporated |
|
32 / 32 page ![]() AP02002 Rev. 44 32 of 32 www.diodes.com Package Outline Dimensions © Diodes Incorporated TO92L b e E L D e1 b1 h A D1 θ c A1 TO92L Dim Min Max A 3.70 4.10 A1 1.28 1.58 b 0.35 0.55 b1 0.60 0.80 c 0.35 0.45 D 4.70 5.10 D1 4.00 - e 1.270 Typ e1 2.44 2.64 E 7.80 8.20 L 13.80 14.20 h 0.00 0.30 θ - 1.60 All Dimensions in mm TO92-3L D b e EL A c B N TO92-3L Dim Min Max A 3.45 3.66 B 4.27 4.78 b 0.38 Typ c 0.38 Typ D 3.87 Typ E 4.32 4.83 e 1.27 Typ L 12.98 14.0 N 1.22 1.37 All Dimensions in mm WOG A B D E G G C + + WOG Dim Min Max A 8.84 9.86 B 4.00 4.60 C 27.90 ⎯ D 25.40 ⎯ E 0.71 0.81 G 4.60 5.60 All Dimensions in mm |