| 전자부품 데이터시트 검색엔진 |
|
AP02002 데이터시트(PDF) 31 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 데이터시트(HTML) 31 Page - Diodes Incorporated |
|
31 / 32 page ![]() AP02002 Rev. 44 31 of 32 www.diodes.com Package Outline Dimensions © Diodes Incorporated TO220-5L(R) A c D E b H1 Q e A3 L A2 D1 A4 A1 L1 H2 H3 ØP TO220-5L(R) Dim Min Typ Max A 4.37 4.57 4.77 A1 1.12 1.27 1.40 A2 2.45 2.65 2.85 A3 4.10 4.40 4.70 A4 7.95 8.25 8.55 b 0.64 0.79 0.94 c 0.35 0.38 0.55 D 14.80 15.00 15.20 D1 8.50 8.70 8.90 e - 1.70 - E 9.96 10.16 10.36 H1 6.10 6.30 6.50 H2 21.32 22.12 22.92 H3 24.15 24.95 25.75 L - 6.30 - L1 13.10 13.50 13.90 P 3.64 3.84 4.04 Q 2.55 2.75 2.95 All Dimensions in mm TO-220AB TO-220AC A A1 c D E b e1 b2 P H1 Q L1 A2 e D1 *Guaranteed by TO-220AB leadframe design TO-220AB Dim Min Typ Max A 3.56 - 4.82 A1 0.51 - 1.39 A2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 D 14.22 - 16.51 D1 8.39 - 9.01 e 2.54 e1 5.08 E 9.66 - 10.66 H1 5.85 - 6.85 L 12.70 - 14.73 L1 - - 6.35 P 3.54 - 4.08 Q 2.54 - 3.42 All Dimensions in mm A A1 c D E b e1 b2 P H1 Q L1 A2 D1 TO-220AC Dim Min Typ Max A 3.56 - 4.82 A1 0.51 - 1.39 A2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 D 14.22 - 16.51 D1 8.39 - 9.01 e1 5.08 E 9.66 - 10.66 H1 5.85 - 6.85 L 12.70 - 14.73 L1 - - 6.35 P 3.54 - 4.08 Q 2.54 - 3.42 All Dimensions in mm TO-3P / TO-247 A B E G J L M N P Q K S M H D C TO-3P / TO-247 Dim Min Max A 1.9 2.1 B 4.85 5.15 C 20.3 21.75 D 19.60 20.1 E 2.2 2.6 G 0.51 0.76 H 15.45 16.25 J 1.93 2.18 K 2.9 ∅ 3.2 ∅ L 3.78 4.38 M 5.2 5.7 N 1.0 1.4 P 1.8 2.2 Q 2.8 3.2 S 4.4 Typ All Dimensions in mm |