전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTS020A0X 데이터시트(PDF) 2 Page - Lineage Power Corporation

부품명 APTS020A0X
상세설명  12V TLynxTM Non-Isolated DC-DC Power Modules
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS020A0X 데이터시트(HTML) 2 Page - Lineage Power Corporation

  APTS020A0X_10 Datasheet HTML 1Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Data Sheet
December 14, 2010
12V TLynxTM Non-isolated DC-DC Power Modules:
4.5 – 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
All
VIN
-0.3
15
Vdc
Continuous
Voltage on SEQ terminal
All
VSEQ
-0.3
VIN
Vdc
Voltage on SYNC terminal
All
VSYNC
-0.3
12
Vdc
Voltage on PG terminal
All
VPG
-0.3
6
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
-D version
TA
-40
105
°C
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
4.5
14
Vdc
Maximum Input Current
All
IIN,max
20
Adc
(VIN=4.5V to 14V, IO=IO, max )
Input No Load Current
(VIN = 10.0Vdc, IO = 0, module enabled)
VO,set = 0.69 Vdc
IIN,No load
42
mA
(VIN = 12.0Vdc, IO = 0, module enabled)
VO,set = 3.3Vdc
IIN,No load
74
mA
Input Stand-by Current
All
IIN,stand-by
3
mA
(VIN = 12.0Vdc, module disabled)
Inrush Transient
All
I
2t
1
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN
=4.5V to 14V, IO= IOmax ; See Test Configurations)
All
43
mAp-p
Input Ripple Rejection (120Hz)
All
45
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an
integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included;
however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies
require a fast-acting fuse with a maximum rating of 20 A (see Safety Considerations section). Based on the
information provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse with a
lower rating can be used. Refer to the fuse manufacturer’s data sheet for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com