전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTS020A0X 데이터시트(PDF) 6 Page - Lineage Power Corporation

부품명 APTS020A0X
상세설명  12V TLynxTM Non-Isolated DC-DC Power Modules
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS020A0X 데이터시트(HTML) 6 Page - Lineage Power Corporation

Back Button APTS020A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 9Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Data Sheet
December 14, 2010
12V TLynxTM Non-isolated DC-DC Power Modules:
4.5 – 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
LINEAGE POWER
6
Feature Specifications (cont.)
Parameter
Device
Symbol
Min
Typ
Max
Units
PGOOD (Power Good)
Signal Interface Open Drain, Vsupply
≤ 6VDC
Overvoltage threshold for PGOOD
110.8
%VO, set
Undervoltage threshold for PGOOD
89.1
%VO, set
Pulldown resistance of PGOOD pin
All
7
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com