전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTS020A0X 데이터시트(PDF) 5 Page - Lineage Power Corporation

부품명 APTS020A0X
상세설명  12V TLynxTM Non-Isolated DC-DC Power Modules
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS020A0X 데이터시트(HTML) 5 Page - Lineage Power Corporation

  APTS020A0X_10 Datasheet HTML 1Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
December 14, 2010
12V TLynxTM Non-isolated DC-DC Power Modules:
4.5 – 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Units
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Device is with suffix “4” – Positive Logic (See Ordering
Information)
Logic High ( Module ON)
Input High Current
All
IIH
25
µA
Input High Voltage
All
VIH
VIN – 1
VIN,max
V
Logic Low (Module OFF)
Input Low Current
All
IIL
3
mA
Input Low Voltage
All
VIL
3.5
V
Device Code with no suffix – Negative Logic (See Ordering
Information)
(On/OFF pin is open collector/drain logic input with
external pull-up resistor; signal referenced to GND)
Logic High (Module OFF)
Input High Current
All
IIH
1
mA
Input High Voltage
All
VIH
2.0
VIN, max
Vdc
Logic Low (Module ON)
Input low Current
All
IIL
10
μA
Input Low Voltage
All
VIL
0
1
Vdc
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then input power is
applied (delay from instant at which VIN = VIN, min until Vo =
10% of Vo, set)
All
Tdelay
2
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is enabled (delay from instant at
which Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
2
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
5
msec
Output voltage overshoot (TA = 25
oC
3.0
% VO, set
VIN= VIN, min to VIN, max,IO = IO, min to IO, max)
With or without maximum external capacitance
Over Temperature Protection
All
Tref
135
°C
(See Thermal Considerations section)
Sequencing Delay time
Delay from VIN, min to application of voltage on SEQ pin
All
TsEQ-delay
10
msec
Tracking Accuracy
(Power-Up: 2V/ms)
All
VSEQ –Vo
150
mV
(Power-Down: 2V/ms)
All
VSEQ –Vo
100
mV
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)
Input Undervoltage Lockout
Turn-on Threshold
All
4.45
Vdc
Turn-off Threshold
All
4.2
Vdc
Hysteresis
All
0.25
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com