전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTS020A0X 데이터시트(PDF) 4 Page - Lineage Power Corporation

부품명 APTS020A0X
상세설명  12V TLynxTM Non-Isolated DC-DC Power Modules
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS020A0X 데이터시트(HTML) 4 Page - Lineage Power Corporation

  APTS020A0X_10 Datasheet HTML 1Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTS020A0X_10 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Data Sheet
December 14, 2010
12V TLynxTM Non-isolated DC-DC Power Modules:
4.5 – 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
LINEAGE POWER
4
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Switching Frequency
All
fsw
550
kHz
Frequency Synchronization
Synchronization Frequency Range
520
600
kHz
High-Level Input Voltage
All
VIH
2.5
V
Low-Level Input Voltage
All
VIL
0.8
V
Input Current, SYNC
VSYNC=2.5V
ISYNC
1
mA
Minimum Pulse Width, SYNC
All
tSYNC
250
ns
Minimum Setup/Hold Time, SYNC
2
All
tSYNC_SH
250
ns
Dynamic Load Response
(dIo/dt=10A/
μs; VIN = VIN, nom; Vout = 1.5V,
TA=25°C)
Load Change from Io= 50% to 100% of Io,max;
Co = 0
Peak Deviation
All
Vpk
380
mV
Settling Time (Vo<10% peak deviation)
All
ts
30
μs
Load Change from Io= 100% to 50%of Io,max:
Co = 0
Peak Deviation
All
Vpk
300
mV
Settling Time (Vo<10% peak deviation)
All
ts
30
μs
2 To meet set up time requirements for the synchronization circuit, the logic low width of the pulse must be greater than
100 ns wide.
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO=0.8IO, max, VO=5V, TA=40°C) Telecordia
Method Issue 2, Method I Case 3
14,262,200
Hours
Weight
6.05 (0.213)
g (oz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com