| 전자부품 데이터시트 검색엔진 |
|
822-1002-C01 데이터시트(PDF) 33 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 데이터시트(HTML) 33 Page - Magnetrol International, Inc. |
|
33 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 30 3.5 Specifications 3.5.1 Dimensional D plugged Rotation clearance 2 Holes .38 (10) Dia. 1/2" NPT or 3/4" NPT 3.00 (76) 2.00 (51) 2.37 (60) 3.50 (89) 3.75 (95) .375 (10) Optional mounting flange 2.75 (70) 3/4" NPT 4.11 (104) E 3.00 (76) 4.63 (118) Dia. .375 (10) Optional mounting flange B 2 Rotation clearance 1 3 IL IL plugged 1 F G B A G G A C G 2 Figure 18 Integral Mount with Guarded Probe (shown with Aluminum Housing) Figure 19 Remote Mount with Guarded Probe (shown with Aluminum Housing) inches (mm) Outline Dimensions Housing A B Standard Rigid Probe Flexible Probe Guarded Probe C D E F C D E F C D E F NEMA 4X Carbon steel 3.25 (82) 4.69 (119) 9.04 (230) 2.29 (58) 11.67 (296) 4.04 (103) 10.48 (266) 3.73 (95) 11.67 (296) 4.04 (103) 9.84 (250) 3.17 (80) 11.67 (296) 4.04 (103) NEMA 4X/7/9 Cast iron 5.25 (133) 5.81 (148) 11.26 (286) 2.40 (61) 13.81 (351) 4.15 (105) 12.70 (323) 4.67 (119) 13.81 (351) 4.15 (105) 12.06 (306) 3.28 (83) 13.81 (351) 4.15 (105) NEMA 4X/7/9 Aluminum 3.87 (98) 5.93 (151) 10.89 (276) 2.44 (61) 13.44 (341) 4.11 (104) 12.33 (313) 4.71 (119) 13.44 (341) 4.11 (104) 11.69 (296) 3.32 (84) 13.44 (341) 4.11 (104) |