| 전자부품 데이터시트 검색엔진 |
|
822-1002-C01 데이터시트(PDF) 34 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 데이터시트(HTML) 34 Page - Magnetrol International, Inc. |
|
34 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 31 inches (mm) .50 (13) .625 (16) G Rotation clearance 1 B C IL 2 D A .50 (13) .625 (16) G Rotation clearance 1 B C IL 2 D A Rotation clearance .50 (13) .625 (16) 1/2" NPT or 3/4" NPT 3.00 (76) 3.75 (95) 2.75 (70) 3/4" NPT 3.23 (82) 3.00 (76) 4.63 (118) Dia. Optional mounting flange 1 2 Holes .38 (10) Dia. 2.00 (51) 2.37 (60) 3.50 (89) E G B IL 2 F A 3 Figure 20 Integral Mount with Standard Rigid Probe (shown with Carbon Steel Housing) Figure 21 Integral Mount with Flexible Probe (shown with Cast Iron Housing) Figure 22 Remote Mount with Standard Rigid Probe (shown with Carbon Steel Housing) |