| 전자부품 데이터시트 검색엔진 |
|
822-1002-C01 데이터시트(PDF) 14 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 데이터시트(HTML) 14 Page - Magnetrol International, Inc. |
|
14 / 40 page ![]() The microprocessor-based Sentinel offers all operator func- tions and setup procedures from the three tactile-feedback keys described above. Due to the number of user program- mable features included in the unit, the calibration flow chart is extensive. The flow chart is modular, however, it can be divided into five subsections or program paths which are connected to a home base, or normal operating mode, RUN (walking M or S). When letters scroll horizon- tally across the LED and no error messages are displayed, all systems are functioning properly. The calibration flow chart structure is shown on page 12. NOTE: If MagneCal precalibration data was entered at the factory, use Advanced Calibration procedures (Section 2.5) in conjunction with the standard calibration procedures. 2.2 Program Paths In order to properly calibrate the Sentinel, the Calibration instructions are broken down into the five PATHS described below. Access to program paths is granted with the following key strokes: Configuration Press ENT and UP arrow keys simultaneously ( ) Single Point Press ENT Probe Calibration Press UP and DOWN arrow keys simultaneously ( ) NOTE: This procedure MUST be performed if Multi-Point mode is selected. Multi-Point Press ENT Service Press ENT and DOWN arrow keys simultaneously ( ) NOTE: At any given time during user configuration, pressing the ENT , UP , and DOWN arrow keys simultaneously ( ) will escape from any location and return to RUN. ENT ENT ENT ENT ENT ENT ENT ENT 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 11 Configuration Multi-Point Service Probe Calibration Single Point R U N |