전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS9402 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 PS9402
상세설명  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402 데이터시트(HTML) 5 Page - Renesas Technology Corp

  PS9402 Datasheet HTML 1Page - Renesas Technology Corp PS9402 Datasheet HTML 2Page - Renesas Technology Corp PS9402 Datasheet HTML 3Page - Renesas Technology Corp PS9402 Datasheet HTML 4Page - Renesas Technology Corp PS9402 Datasheet HTML 5Page - Renesas Technology Corp PS9402 Datasheet HTML 6Page - Renesas Technology Corp PS9402 Datasheet HTML 7Page - Renesas Technology Corp PS9402 Datasheet HTML 8Page - Renesas Technology Corp PS9402 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9402
Chapter Title
R08DS0014EJ0001 Rev.0.01
Page 5 of 15
May 09, 2011
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current
IF
25
mA
Peak Transient Forward Current
(Pulse Width < 1
μs)
IF (TRAN)
1.0
A
Reverse Voltage
VR
5
V
Input Supply Voltage
VCC1
0 to 5.5
V
Input IC Power Dissipation
*1
PI
80
mW
High Level Peak Output Current
*2
IOH (PEAK)
2.5
A
Low Level Peak Output Current
*2
IOL (PEAK)
2.5
A
FAULT Output Current
IFAULT
8
mA
FAULT Pin Voltage
VFAULT
0 to VCC1
V
Total Output Supply Voltage
(VCC2
−VEE)
0 to 33
V
Negative Output Supply Voltage
(VE
−VEE)
0 to 15
V
Output Voltage
VO
0 to VCC2
V
Peak Clamping Sinking Current
IClamp
1.7
A
Miller Clamping Pin Voltage
VClamp
0 to VCC2
V
DESAT Voltage
VDESAT
VE to VE+10
V
Output IC Power Dissipation
*3
PO
300
mW
Isolation Voltage
*4
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +110
°C
Storage Temperature
Tstg
−55 to +125
°C
Notes: *1. Reduced to 1.6 mW/
°C at TA = 75°C or more.
*2. Maximum pulse width = 10
μs, Maximum duty cycle = 0.5%
*3. Reduced to 5.5 mW/
°C at TA = 70°C or more.
*4. AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-8 shorted together, 9-16 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
MAX.
Unit
Total Output Supply Voltage
(VCC2
−VEE)
15
30
V
Negative Output Supply Voltage
(VE
−VEE)
0
15
V
Positive Output Supply Voltage
(VCC2
−VE)
15
30
− (VE − VEE)
V
Forward Current (ON)
IF (ON)
8
12
mA
Forward Voltage (OFF)
VF (OFF)
−2
0.8
V
Operating Ambient Temperature
TA
−40
110
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com