전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS9402 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 PS9402
상세설명  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402 데이터시트(HTML) 6 Page - Renesas Technology Corp

Back Button PS9402 Datasheet HTML 2Page - Renesas Technology Corp PS9402 Datasheet HTML 3Page - Renesas Technology Corp PS9402 Datasheet HTML 4Page - Renesas Technology Corp PS9402 Datasheet HTML 5Page - Renesas Technology Corp PS9402 Datasheet HTML 6Page - Renesas Technology Corp PS9402 Datasheet HTML 7Page - Renesas Technology Corp PS9402 Datasheet HTML 8Page - Renesas Technology Corp PS9402 Datasheet HTML 9Page - Renesas Technology Corp PS9402 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9402
Chapter Title
R08DS0014EJ0001 Rev.0.01
Page 6 of 15
May 09, 2011
ELECTRICAL CHARACTERISTICS (DC) (at RECOMMENDED OPERATING CONDITIONS,
VEE = VE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
FAULT Logic Low Output
Voltage
VFAULTL
IFAULT = 1.1 mA
0.1
V
FAULT Logic High Output
Current
IFAULTH
VFAULT = 5.5 V, VCC1 = 5.5 V,
TA = 25
°C
0.5
μA
High Level Output Current
IOH
VO = (VCC
−4 V)
*2
0.5
1.5
A
VO = (VCC
−15 V)
*3
2.0
Low Level Output Current
IOL
VO = (VEE+2.5 V)
*2
0.5
1.5
A
VO = (VEE+15 V)
*3
2.0
Low Level Output Current
During Fault Condition
IOLF
VO–VEE = 14 V
90
140
230
mA
High Level Output Voltage
VOH
IO = 100 mA
*4
VCC
− 2.0 VCC − 1.3
V
IO =
−650
μA
*4
VCC
− 1.5 VCC − 0.8
Low Level Output Voltage
VOL
IO = 100 mA
0.15
0.5
V
Clamp Pin Threshold Voltage
VtClamp
2.0
V
Clamp Low Level Sinking
Current
ICL
VtClamp = VEE + 2.5V
0.35
1.5
A
High Level Supply Current
ICC2H
IO = 0 mA
2
3
mA
Low Level Supply Current
ICC2L
IO = 0 mA
2
3
mA
Blanking Capacitor Charging
Current
ICHG
VDESAT = 2 V
0.13
0.24
0.33
mA
Blanking Capacitor Discharging
Current
IDSCHG
VDESAT = 7 V
10
30
mA
DESAT Threshold
VDESAT
VCC1
−VE > VUVLO−, VO < 5V
6.0
6.9
7.5
V
UVLO Threshold
*5
VUVLO+
VO > 5 V
11.0
12.3
13.5
V
VUVLO
VO < 5 V
9.8
11.0
12.3
UVLO Hysteresis
VUVLO+
VUVLO−
0.4
1.3
V
Threshold Input Current
(L
→ H)
IFLH
IO = 0 mA, VO > 5 V
1.5
5
mA
Threshold Input Voltage
(H
→ L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
Input Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.2
1.56
1.8
V
Input Reverse Current
IR
VR = 3V, TA = 25
°C
10
μA
Input Capacitance
CIN
f = 1 MHz, VF = 0 V
30
pF
Notes: *1. Typical values at TA = 25
°C.
*2. Maximum pulse width = 50
μs, Maximum duty cycle = 0.2%
*3. Maximum pulse width = 10
μs, Maximum duty cycle = 0.5%
*4. VOH is measured with the DC load current in this testing (Maximum pulse width = 1 ms, Maximum duty cycle =
20%).
*5. For High Level Output Voltage testing, VOH is measured with the DC load current. When driving capacitive
loads, VOH will approach VCC as IOH approaches zero units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com