전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS9402 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 PS9402
상세설명  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button PS9402 Datasheet HTML 7Page - Renesas Technology Corp PS9402 Datasheet HTML 8Page - Renesas Technology Corp PS9402 Datasheet HTML 9Page - Renesas Technology Corp PS9402 Datasheet HTML 10Page - Renesas Technology Corp PS9402 Datasheet HTML 11Page - Renesas Technology Corp PS9402 Datasheet HTML 12Page - Renesas Technology Corp PS9402 Datasheet HTML 13Page - Renesas Technology Corp PS9402 Datasheet HTML 14Page - Renesas Technology Corp PS9402 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9402
Chapter Title
R08DS0014EJ0001 Rev.0.01
Page 11 of 15
May 09, 2011
TEST CIRCUIT 4
Fig. 19 CMH Test Circuit (LED1 ON)
Fig. 21 CMH Test Circuit (LED2 ON)
Fig. 23 CMH, CML Test Wave Forms
(LED1 ON, OFF)
Fig. 24 CMH, CML Test Wave Forms
(LED2 ON, OFF)
Fig. 22 CML Test Circuit (LED2 OFF)
Fig. 20 CML Test Circuit (LED1 OFF)
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
10
Ω
10 nF
+
SCOPE
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
10
Ω
10 nF
+
SCOPE
2.1 k
Ω
SCOPE
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
10
Ω
10 nF
+
2.1 k
Ω
SCOPE
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
10
Ω
10 nF
+
VOH
VOL
1 V
15 V
1 500 V
VCM
0 V
VO
(CMH: IF = 10 mA)
VO
(CML: IF = 0 mA)
tr
tf
90%
10%
GND
VOL
OPEN
2 V
1 500 V
VCM
0 V
VFAULT
(CMH: IF = 10 mA, DESAT)
VFAULT
(CML: IF = 0 mA, DESAT)
tr
tf
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com