전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS9402 데이터시트(PDF) 12 Page - Renesas Technology Corp

부품명 PS9402
상세설명  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402 데이터시트(HTML) 12 Page - Renesas Technology Corp

Back Button PS9402 Datasheet HTML 8Page - Renesas Technology Corp PS9402 Datasheet HTML 9Page - Renesas Technology Corp PS9402 Datasheet HTML 10Page - Renesas Technology Corp PS9402 Datasheet HTML 11Page - Renesas Technology Corp PS9402 Datasheet HTML 12Page - Renesas Technology Corp PS9402 Datasheet HTML 13Page - Renesas Technology Corp PS9402 Datasheet HTML 14Page - Renesas Technology Corp PS9402 Datasheet HTML 15Page - Renesas Technology Corp PS9402 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9402
Chapter Title
R08DS0014EJ0001 Rev.0.01
Page 12 of 15
May 09, 2011
TAPING SPECIFICATIONS (UNIT: mm)
Packing: 850 pcs/reel
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
4.5
±0.1
3.8
±0.1
0.35
4.0
±0.1
2.0
±0.1
φ1.55±0.1
16
±0.1
10.9
±0.1
2.0±0.5
23.9 to 27.4
Outer edge of
flange
29.5±1.0
25.5±1.0
φ1.5+0.1
–0
PS9402-E3
Tape Direction
Outline and Dimensions (Tape)
Outline and Dimensions (Reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com