전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F6411FDFP 데이터시트(PDF) 36 Page - Renesas Technology Corp

부품명 R5F6411FDFP
상세설명  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP 데이터시트(HTML) 36 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 32Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 33Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 34Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 35Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 36Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 37Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 38Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 39Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 36 of 99
Sep 26, 2011
R32C/111 Group
4. Special Function Registers (SFRs)
4.
Special Function Registers (SFRs)
SFRs are memory-mapped peripheral registers that control the operation of peripherals. Table 4.1 SFR List
(1) to Table 4.24 SFR List (24) list the SFR details.
Table 4.1
SFR List (1)
Address
Register
Symbol
Reset Value
000000h
000001h
000002h
000003h
000004h Clock Control Register
CCR
0001 1000b
000005h
000006h Flash Memory Control Register
FMCR
0000 0001b
000007h Protect Release Register
PRR
00h
000008h
000009h
00000Ah
00000Bh
00000Ch
00000Dh
00000Eh
00000Fh
000010h External Bus Control Register 3/Flash Memory Rewrite Bus
Control Register 3
EBC3/FEBC3
0000h
000011h
000012h Chip Selects 2 and 3 Boundary Setting Register
CB23
00h
000013h
000014h External Bus Control Register 2
EBC2
0000h
000015h
000016h Chip Selects 1 and 2 Boundary Setting Register
CB12
00h
000017h
000018h External Bus Control Register 1
EBC1
0000h
000019h
00001Ah Chip Selects 0 and 1 Boundary Setting Register
CB01
00h
00001Bh
00001Ch External Bus Control Register 0/Flash Memory Rewrite Bus
Control Register 0
EBC0/FEBC0
0000h
00001Dh
00001Eh Peripheral Bus Control Register
PBC
0504h
00001Fh
000020h to
00005Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com