전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F6411FDFP 데이터시트(PDF) 47 Page - Renesas Technology Corp

부품명 R5F6411FDFP
상세설명  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP 데이터시트(HTML) 47 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 43Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 44Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 45Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 46Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 47Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 48Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 49Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 50Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 47 of 99
Sep 26, 2011
R32C/111 Group
4. Special Function Registers (SFRs)
Table 4.12
SFR List (12)
Address
Register
Symbol
Reset Value
0002F0h
0002F1h
0002F2h
0002F3h
0002F4h UART4 Special Mode Register 4
U4SMR4
00h
0002F5h UART4 Special Mode Register 3
U4SMR3
00h
0002F6h UART4 Special Mode Register 2
U4SMR2
00h
0002F7h UART4 Special Mode Register
U4SMR
00h
0002F8h UART4 Transmit/Receive Mode Register
U4MR
00h
0002F9h UART4 Bit Rate Register
U4BRG
XXh
0002FAh UART4 Transmit Buffer Register
U4TB
XXXXh
0002FBh
0002FCh UART4 Transmit/Receive Control Register 0
U4C0
0000 1000b
0002FDh UART4 Transmit/Receive Control Register 1
U4C1
0000 0010b
0002FEh UART4 Receive Buffer Register
U4RB
XXXXh
0002FFh
000300h Count Start Register for Timers B3, B4, and B5
TBSR
000X XXXXb
000301h
000302h Timer A1-1 Register
TA11
XXXXh
000303h
000304h Timer A2-1 Register
TA21
XXXXh
000305h
000306h Timer A4-1 Register
TA41
XXXXh
000307h
000308h Three-phase PWM Control Register 0
INVC0
00h
000309h Three-phase PWM Control Register 1
INVC1
00h
00030Ah Three-phase Output Buffer Register 0
IDB0
XX11 1111b
00030Bh Three-phase Output Buffer Register 1
IDB1
XX11 1111b
00030Ch Dead Time Timer
DTT
XXh
00030Dh Timer B2 Interrupt Generating Frequency Set Counter
ICTB2
XXh
00030Eh
00030Fh
000310h Timer B3 Register
TB3
XXXXh
000311h
000312h Timer B4 Register
TB4
XXXXh
000313h
000314h Timer B5 Register
TB5
XXXXh
000315h
000316h
000317h
000318h
000319h
00031Ah
00031Bh Timer B3 Mode Register
TB3MR
00XX 0000b
00031Ch Timer B4 Mode Register
TB4MR
00XX 0000b
00031Dh Timer B5 Mode Register
TB5MR
00XX 0000b
00031Eh
00031Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com