전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F6411FDFP 데이터시트(PDF) 61 Page - Renesas Technology Corp

부품명 R5F6411FDFP
상세설명  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP 데이터시트(HTML) 61 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 57Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 58Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 59Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 60Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 61Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 62Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 63Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 64Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 61 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
Notes:
1.
The device is operationally guaranteed under these operating conditions.
2.
The VCC2 pin is available in the 100-pin package only. It should be considered as VCC1 in the 80-/64-
pin package.
3.
VIH and VIL for P8_7 are specified for P8_7 as a programmable port. These values are not applicable
for P8_7 as XCIN.
4.
Ports P0_4 to P0_7, P1_0 to P1_4, P3_4 to P3_7, and P9_5 to P9_7 are available in the 100- and
80-pin packages. Ports P4, P5, P9_1, and P9_4 are available in the 100-pin package only.
5.
Memory expansion mode and microprocessor mode are available in the 100-pin package only.
Table 5.2
Operating Conditions (1/5) (1)
Symbol
Characteristic
Value (2)
Unit
Min.
Typ.
Max.
VCC1,
VCC2
Digital supply voltage (VCC1 ≥ VCC2)
3.0
5.0
5.5
V
AVCC
Analog supply voltage
VCC1
V
VREF
Reference voltage
3.0
VCC1
V
VSS
Digital ground voltage
0V
AVSS
Analog ground voltage
0V
dVCC1/
dt
VCC1 ramp up rate (VCC1 < 2.0 V)
0.05
V/ms
VIH
High level
input
voltage
P2_0 to P2_7, P3_0 to P3_7, P4_0 to P4_7,
P5_0 to P5_7 (4)
0.8 ×
VCC2
VCC2
V
XIN,
RESET, CNVSS, NSD, P6_0 to P6_7,
P7_2 to P7_7, P8_0 to P8_7 (3), P9_1,
P9_3 to P9_7, P10_0 to P10_7 (4)
0.8 ×
VCC1
VCC1
V
P7_0, P7_1
0.8 ×
VCC1
6.0
V
P0_0 to P0_7,
P1_0 to P1_7 (4)
in single-chip mode
0.8 ×
VCC2
VCC2
V
in memory expansion mode
or microprocessor mode (5)
0.5 ×
VCC2
VCC2
V
VIL
Low level
input
voltage
P2_0 to P2_7, P3_0 to P3_7, P4_0 to P4_7,
P5_0 to P5_7 (4)
0
0.2 × VCC2 V
XIN,
RESET, CNVSS, NSD, P6_0 to P6_7,
P7_0 to P7_7, P8_0 to P8_7 (3), P9_1,
P9_3 to P9_7, P10_0 to P10_7 (4)
0
0.2 × VCC1 V
P0_0 to P0_7,
P1_0 to P1_7 (4)
in single-chip mode
0
0.2 × VCC2 V
in memory expansion mode
or microprocessor mode (5)
0
0.16 ×
VCC2
V
Topr
Operating
temperature
range
N version
-20
85
°C
D version
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com