전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F6411FDFP 데이터시트(PDF) 42 Page - Renesas Technology Corp

부품명 R5F6411FDFP
상세설명  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP 데이터시트(HTML) 42 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 38Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 39Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 40Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 41Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 42Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 43Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 44Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 45Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 42 of 99
Sep 26, 2011
R32C/111 Group
4. Special Function Registers (SFRs)
Table 4.7
SFR List (7)
Address
Register
Symbol
Reset Value
000140h Group 2 Waveform Generation Register 0
G2PO0
XXXXh
000141h
000142h Group 2 Waveform Generation Register 1
G2PO1
XXXXh
000143h
000144h Group 2 Waveform Generation Register 2
G2PO2
XXXXh
000145h
000146h Group 2 Waveform Generation Register 3
G2PO3
XXXXh
000147h
000148h Group 2 Waveform Generation Register 4
G2PO4
XXXXh
000149h
00014Ah Group 2 Waveform Generation Register 5
G2PO5
XXXXh
00014Bh
00014Ch Group 2 Waveform Generation Register 6
G2PO6
XXXXh
00014Dh
00014Eh Group 2 Waveform Generation Register 7
G2PO7
XXXXh
00014Fh
000150h Group 2 Waveform Generation Control Register 0
G2POCR0
0000 0000b
000151h Group 2 Waveform Generation Control Register 1
G2POCR1
0000 0000b
000152h Group 2 Waveform Generation Control Register 2
G2POCR2
0000 0000b
000153h Group 2 Waveform Generation Control Register 3
G2POCR3
0000 0000b
000154h Group 2 Waveform Generation Control Register 4
G2POCR4
0000 0000b
000155h Group 2 Waveform Generation Control Register 5
G2POCR5
0000 0000b
000156h Group 2 Waveform Generation Control Register 6
G2POCR6
0000 0000b
000157h Group 2 Waveform Generation Control Register 7
G2POCR7
0000 0000b
000158h
000159h
00015Ah
00015Bh
00015Ch
00015Dh
00015Eh
00015Fh
000160h Group 2 Base Timer Register
G2BT
XXXXh
000161h
000162h Group 2 Base Timer Control Register 0
G2BCR0
0000 0000b
000163h Group 2 Base Timer Control Register 1
G2BCR1
0000 0000b
000164h Base Timer Start Register
BTSR
XXXX 0000b
000165h
000166h Group 2 Function Enable Register
G2FE
00h
000167h Group 2 RTP Output Buffer Register
G2RTP
00h
000168h
000169h
00016Ah Group 2 Serial Interface Mode Register
G2MR
00XX X000b
00016Bh Group 2 Serial Interface Control Register
G2CR
0000 X110b
00016Ch Group 2 SI/O Transmit Buffer Register
G2TB
XXXXh
00016Dh
00016Eh Group 2 SI/O Receive Buffer Register
G2RB
XXXXh
00016Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com