전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC3000 데이터시트(PDF) 7 Page - Micrel Semiconductor

부품명 MIC3000
상세설명  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 데이터시트(HTML) 7 Page - Micrel Semiconductor

Back Button MIC3000_07 Datasheet HTML 3Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 4Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 5Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 6Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 7Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 8Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 9Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 10Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
October 2004
7
M9999-101204
MIC3000
Micrel
Absolute Maximum Ratings(1)
Power Supply Voltage, VDD..................................................+3.8V
Voltage on CLK, DATA, TXFAULT, VIN, RXLOS,
DISABLE, RSIN ....................................... –0.3V to +6.0V
Voltage On Any Other Pin .................... –0.3V to VDD+0.3V
Power Dissipation, TA = 85°C......................................1.5W
Junction Temperature (TJ)......................................... 150°C
Storage Temperature (TS) ........................–65°C to +150°C
ESD Ratings(3)
Human Body Model ................................................... 2kV
Machine Model .........................................................300V
Soldering (20sec) ....................................................... 260ºC
Operating Ratings(2)
Power Supply Voltage, VDDA/VDDD .................. +3.0V to +3.6V
Ambient Temperature Range (TA) ............ –40°C to +105°C
Package Thermal Resistance
MLF® (
θ
JA) .......................................................... 43°C/W
Electrical Characteristics
For typical values, TA = 25°C, VDDA = VDDD = +3.3V, unless otherwise noted. Bold values are guaranteed for +3.0V - (VDDA = VDDD)
- 3.6V, T(min) - TA - T(max)(8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
IDD
Supply Current
CLK = DATA = VDDD = VDDA;TXDISABLE low;
2.3
3.5
mA
all DACs at full-scale; all A/D inputs at
full-scale; all other pins open.
CLK = DATA = VDDD = VDDA; TXDISABLE high;
2.3
3.5
mA
FLTDAC at full-scale; all A/D inputs at
full-scale; all other pins open.
VPOR
Power-on Reset Voltage
All registers reset to default values;
2.9
2.98
V
A/D conversions initiated.
VUVLO
Under-Voltage Lockout Threshold
Note 5
2.6
2.73
V
VHYST
Power-on Reset Hysteresis Voltage
170
mV
tPOR
Power-on Reset Time
VDD > VPOR(4)
50
µs
VREF
Reference Voltage
1.210
1.225
1.240
V
∆V
REF/∆VDDA
Voltage Reference Line Regulation
1.7
mV/V
Temperature-to-Digital Converter Characteristics
Local Temperature Measurement Error
–40°C - TA - +105°C(6)
±1
±3
°C
Remote Temperature Measurement
–40°C - TA - +105°C(6)
±1
±3
°C
Error
tCONV
Conversion Time
Note 4
60
ms
tSAMPLE
Sample Period
100
ms
Remote Temperature Input, XPN
IF
Current to External Diode(4)
XPN at high level, clamped to 0.6V.
192
400
µA
XPN at low level, clamped to 0.6V.
7
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com