전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC3000 데이터시트(PDF) 9 Page - Micrel Semiconductor

부품명 MIC3000
상세설명  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 데이터시트(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3000_07 Datasheet HTML 5Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 6Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 7Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 8Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 9Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 10Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 11Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 12Page - Micrel Semiconductor MIC3000_07 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
October 2004
9
M9999-101204
MIC3000
Micrel
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VMOD Buffer Op-Amp, VMOD+, VMOD
GBW
Gain Bandwidth
CCOMP = 20pF; Gain = 1
1
MHz
TCVOS
Input Offset Voltage Temperature
1
µV/°C
Coefficient
IBIAS
VMOD – Input Current
±0.1
±1
µA
VOUT
Output Voltage Swing
IOUT = ±1mA
GNDA+75
VDDA–75 mV
ISC
Output Short-Circuit Current
35
mA
tSC
Short Circuit Withstand Time
TJ - 150°C(4)
sec
PSRR
Power Supply Rejection Ratio
CCOMP = 20pF; Gain = 1, to GND
65
dB
CCOMP = 20pF; Gain = 1, to VDD
44
dB
AMIN
Minimum Stable Gain
CCOMP = 20pF
1
V/V
∆V/∆T
Slew Rate
CCOMP = 20pF; Gain = 1
1
V/
µs
CIN
Pin Capacitance
10
pF
Control and Status I/O, TXDISABLE, TXFAULT, RSIN, RSOUT, SHDN, RXLOS, /INT
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
2.0
V
VOL
Low Output Voltage
IOL - 3mA
0.3
V
VOH
High Output Voltage
IOH - 3mA
VDDD–0.3
V
(applies to SHDN only)
ILEAK
Input Current
±1
µA
CIN
Input Capacitance
10
pF
Transmit Optical Power Input, VMPD
VIN
Input Voltage Range
Note 4
GNDA
VDDA
V
VRX
Input Signal Range
BIASREF=0
0VREF
V
BIASREF=1
VDDA–VREF
VDDA
V
CIN
Input Capacitance
Note 4
10
pF
ILEAK
Input Current
±1
µA
Received Optical Power Input, VRX, RXPOT
Input Voltage Range
Note 4
GNDA
VDDA
V
VRX
Valid Input Signal Range
0VREF
V
(ADC Input Range)
CIN
Input Capacitance
Note 4
10
pF
ILEAK
Input Current
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com