전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT45FM2C 데이터시트(PDF) 66 Page - Holtek Semiconductor Inc

부품명 HT45FM2C
상세설명  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C 데이터시트(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 62Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 63Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 64Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 65Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 66Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 67Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 68Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 69Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 171 page
background image
Rev. 1.10
66
�a� �0� �01�
Rev. 1.10
67
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
TM5AL Register — 16-bit CTM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM5AL:
TM5CCRALowByteRegisterbit7~bit0
TM516-bitCCRAbit7~bit0
TM5AH Register — 16-bit CTM
Bit
7
6
5
4
3
2
1
0
Name
D15
D14
D1�
D1�
D11
D10
D9
D8
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM5AH:
TM5CCRAHighByteRegisterbit8~bit0
TM516-bitCCRAbit15~bit8
TMnC0 Register(n=0, 1, 2, 3) — 10-bit CTM
Bit
7
6
5
4
3
2
1
0
Name
TnPAU
TnCK�
TnCK1
TnCK0
TnON
TnRP�
TnRP1
TnRP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
TnPAU:
TMnCounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit 6~4
TnCK2~TnCK0:
SelectTMnCounterclock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101:Reserved
110:TCKnrisingedgeclock
111:TCKnfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM0.Selectingthe
Reservedclockinputwilleffectivelydisabletheinternalcounter.Theexternalpin
clocksourcecanbechosentobeactiveontherisingorfallingedge.Theclocksource
fSYSisthesystemclock,whilefHandfTBCareotherinternalclocks,thedetailsofwhich
canbefoundintheoscillatorsection.
Bit 3
TnON:
TMnCounterOn/OffControl
0: Off
1: On
Thisbitcontrolstheoverallon/offfunctionoftheTMn.Settingthebithighenables
thecountertorun,clearingthebitdisablestheTMn.Clearingthisbittozerowill
stopthecounterfromcountingandturnofftheTMnwhichwillreduceitspower
consumption.Whenthebitchangesstatefromlowtohightheinternalcountervalue
willberesettozero,howeverwhenthebitchangesfromhightolow,theinternal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com