| 전자부품 데이터시트 검색엔진 |
|
HT45FM2C 데이터시트(PDF) 12 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45FM2C 데이터시트(HTML) 12 Page - Holtek Semiconductor Inc |
|
12 / 171 page ![]() Rev. 1.10 1� �a� �0� �01� Rev. 1.10 1� �a� �0� �01� HT45FM2C Brushless DC Motor Flash Type 8-Bit MCU HT45FM2C Brushless DC Motor Flash Type 8-Bit MCU Preliminar� Pin Name Function OP I/T O/T Description PB�/RX_IN/ INT1/TP�_0 PB� PBPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. RX_IN INTC0 ST — IR Receive input pin INT1 INTC0 ST — External interrupt input TP�_0 T�PC0 ST C�OS T�� I/O PB�/Is PB� PBPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. Is OPO�S ST — Operational amplifier input pin PB4/TCK� PB4 PBPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. TCK� — ST — T�� input PB5/TP1_0 PB5 PBPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. TP1_0 T�PC0 ST C�OS T�1 I/O PB6/TP0_0 PB6 PBPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. TP0_0 T�PC0 ST C�OS T�0 I/O PB7/TCK0 PB7 PBPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. TCK0 — ST — T�0 input PC0/GAT PC0 PCPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. GAT PW�C — C�OS Pulse Width �odulation complimentar� output PC1/GAB PC1 PCPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. GAB PW�C — C�OS Pulse Width �odulation complimentar� output PC�/GBT PC� PCPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. GBT PW�C — C�OS Pulse Width �odulation complimentar� output PC�/GBB PC� PCPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. GBB PW�C — C�OS Pulse Width �odulation complimentar� output PC4/GCT PC4 PCPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. GCT PW�C — C�OS Pulse Width �odulation complimentar� output PC5/GCB PC5 PCPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. GCB PW�C — C�OS Pulse Width �odulation complimentar� output PC6/Fault/ TP5_0 PC6 PCPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. Fault �PTC1 ST — PW� Disable input pin. Active Low TP5_0 T�PC1 ST C�OS CAPT� I/O |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |