| 전자부품 데이터시트 검색엔진 |
|
HT45FM2C 데이터시트(PDF) 44 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45FM2C 데이터시트(HTML) 44 Page - Holtek Semiconductor Inc |
|
44 / 171 page ![]() Rev. 1.10 44 �a� �0� �01� Rev. 1.10 45 �a� �0� �01� HT45FM2C Brushless DC Motor Flash Type 8-Bit MCU HT45FM2C Brushless DC Motor Flash Type 8-Bit MCU Preliminar� SL OW M ode SL EEP M ode ID EL 0 M ode ID LE 1 M ode NO RM AL M ode CK S2 ~ C KS 0 = 00x B & HL CL K = 0 ID LE N = 0 HA LT i ns t ru ct i on is e xe cu t ed ID LE N = 1, F SYSO N= 0 HA LT i ns t ru ct io n is e xe cu t ed ID LE N = 1, F SYSO N= 1 HA LT i ns t ru ct i on is e xe cu t ed NO RM AL M ode SL EEP M ode ID LE 0 M ode ID LE 1 M ode SL OW M ode CK S2 ~C KS 0 ¹ 000 B, 0 01 B as H LC LK =0 or H LC LK =1 ID LE N = 0 HA LT i n st ru ct io n i s ex ec ut ed ID LE N = 1, F SYSO N= 0 HA LT i n st ru ct io n i s ex ec ut ed ID LE N = 1, F SYSO N= 1 HA LT i n st ru ct io n i s ex ec ut ed |