전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT45FM2C 데이터시트(PDF) 100 Page - Holtek Semiconductor Inc

부품명 HT45FM2C
상세설명  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C 데이터시트(HTML) 100 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 96Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 97Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 98Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 99Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 100Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 101Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 102Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 103Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 104Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 171 page
background image
Rev. 1.10
100
�a� �0� �01�
Rev. 1.10
101
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Linear Hall Sensor Control Register Description
TheLHMCisthelinearHallsensorModecontrolregisterandtheHACMisthe8-bitDACregister
forLinearHallSensorcomparison.
LHMC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
C�P1_EG1 C�P1_EG0
—
—
C1BPE
C0BPE
R/W
—
—
R/W
R/W
—
—
R/W
R/W
POR
—
—
0
0
—
—
0
0
Bit7~6
Unimplemented,readas"0"
Bit 5~4
CMP1_EG1, CMP1_EG0:
DefinesComparatoractiveedge
00:DisableComparator1andDAC1
01:Risingedge
10:Fallingedge
11:Dualedge
Bit3~2
Unimplemented,readas"0"
Bit 1
C1BPE:
Comparator1InterruptBypass(testoption)
0:DisableComparator1interrupt
1:EnableComparator1interrupt
Bit 0
C0BPE:
Comparator0InterruptBypass(testoption)
0:DisableComparator0interrupt
1:EnableComparator0interrupt
HACM Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
8-bitLinearHallSensorcomparisonregisterbit7~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com