| 전자부품 데이터시트 검색엔진 |
|
DFN322 데이터시트(PDF) 15 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 데이터시트(HTML) 15 Page - Diodes Incorporated |
|
15 / 51 page ![]() AP02002 Rev. 60 15 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated U-QFN3030-16 Type B U-QFN3030-16 Type B Dim Min Max Typ A 0.55 0.65 0.60 A1 0 0.05 0.02 A3 - - 0.15 b 0.18 0.28 0.23 D 2.95 3.05 3.00 D2 1.40 1.60 1.50 E 2.95 3.05 3.00 E2 1.40 1.60 1.50 e - - 0.50 L 0.35 0.45 0.40 Z - - 0.625 All Dimensions in mm DFN322 DFN322 Dim Min Max Typ A 0.800 1.00 0.850 A - 0.050 - A3 0.153 0.253 0.203 b 0.180 0.300 0.230 D 1.900 2.100 2.000 D2 1.220 1.420 1.320 e - - 0.650 E 1.900 2.100 2.000 E2 0.780 0.990 0.880 E4 0.480 0.680 0.580 L 0.300 0.500 0.400 All Dimensions in mm U-DFN4030-12 U-DFN4030-12 Dim Min Max Typ A 0.55 0.65 0.60 A1 0 0.05 0.02 A3 - - 0.15 b 0.20 0.30 0.25 D 3.95 4.05 4.00 D2 3.20 3.40 3.30 e - - 0.50 E 2.95 3.05 3.00 E2 1.60 1.80 1.70 L 0.30 0.40 0.35 Z - - 0.625 All Dimensions in mm Side View A A3 A1 Bottom View D D2 E e b (16x) L (16x) E2 (Pin #1 ID) Z (8x) 0.450 R0.2 00 D E A1 A3 A D2 E4 E2 L (3x) b (3x) e e A A1 A3 D e E D2 E2 L (12x) b (12x) Z (4x) |