| 전자부품 데이터시트 검색엔진 |
|
DFN322 데이터시트(PDF) 43 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 데이터시트(HTML) 43 Page - Diodes Incorporated |
|
43 / 51 page ![]() AP02002 Rev. 60 43 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated E-Line E-Line Dim Min Max Typ A 2.16 2.41 − b 0.41 0.495 − b1 0.41 0.495 − D 4.37 4.77 − E 3.61 4.01 − e − − 1.27 e2 − − 2.54 F − 2.50 − L 13.00 13.97 − L1 2.50 3.50 − All Dimensions in mm GBJ GBJ Dim Min Max A 29.70 30.30 B 19.70 20.30 C 17.00 18.00 D 3.80 4.20 E 7.30 7.70 G 9.80 10.20 H 2.00 2.40 I 0.90 1.10 J 2.30 2.70 K 3.0 X 45 ° L 4.40 4.80 M 3.40 3.80 N 3.10 3.40 P 2.50 2.90 R 0.60 0.80 S 10.80 11.20 All Dimensions in mm GBPC GBPC-W GBPC Dim Min Max A 28.30 28.80 B 7.40 8.00 C 16.10 17.10 E 18.80 21.30 G 13.80 14.80 H Hole for #10 screw 5.08 ∅ 5.59 ∅ J 17.60 18.60 F 6.30 6.50 All Dimensions in mm GBPC-W Dim Min Max A 28.30 28.80 B 7.40 8.00 H Hole for #10 screw 5.08 ∅ 5.59 ∅ J 17.60 18.60 K 10.90 11.90 L 0.97 ∅ 1.07 ∅ M 31.80 - All Dimensions in mm b 1 R 1 . 1 4 . 0 4 5 T A P E D P R O D U C T E L D e 2 e 2 E L F D e e E j e c t i o n M a r k b L O O S E P R O D U C T S e a t i n g P l a n e A L 1 _ B C D EE G H K J I L M N P R S A C A G E B H (AC) (AC) (+) ( - ) H J A C F K A M B H H L J A J (AC) (AC) ( - ) ( + ) |