| 전자부품 데이터시트 검색엔진 |
|
DFN322 데이터시트(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 데이터시트(HTML) 2 Page - Diodes Incorporated |
|
2 / 51 page ![]() AP02002 Rev. 60 2 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated X1-DFN1006-2 / X2-DFN1006-2 X1-DFN1006-2 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.03 b 0.45 0.55 0.50 D 0.95 1.075 1.00 E 0.55 0.675 0.60 e - - 0.40 L 0.20 0.30 0.25 R 0.05 0.15 0.10 All Dimensions in mm X2-DFN1006-2 Dim Min Max Typ A 0.34 0.4 0.37 A1 0 0.05 0.03 b 0.45 0.55 0.50 D 0.95 1.075 1.00 E 0.55 0.675 0.60 e - - 0.40 L 0.20 0.30 0.25 R 0.05 0.15 0.10 All Dimensions in mm X1-DFN1006-3 / X2-DFN1006-3 X1-DFN1006-3 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.03 b1 0.10 0.20 0.15 b2 0.45 0.55 0.50 D 0.95 1.075 1.00 E 0.55 0.675 0.60 e - - 0.35 L1 0.20 0.30 0.25 L2 0.20 0.30 0.25 L3 - - 0.40 All Dimensions in mm X2-DFN1006-3 Dim Min Max Typ A ⎯ 0.40 ⎯ A1 0 0.05 0.03 b1 0.10 0.20 0.15 b2 0.45 0.55 0.50 D 0.95 1.05 1.00 E 0.55 0.65 0.60 e - - 0.35 L1 0.20 0.30 0.25 L2 0.20 0.30 0.25 L3 - - 0.40 All Dimensions in mm X2-DFN1010-6 X2-DFN1010-6 Dim Min Max Typ A –– 0.40 0.39 A1 0.00 0.05 0.02 A3 –– –– 0.13 b 0.14 0.20 0.17 b1 0.05 0.15 0.10 D 0.95 1.05 1.00 E 0.95 1.05 1.00 e –– –– 0.35 L 0.35 0.45 0.40 K 0.15 –– –– Z –– –– 0.065 All Dimensions in mm L E b R e D A1 A L2 A1 E b2 L1 L3 D e b1 A A A1 A3 D E Z(4x) b(6x) e L(6x) K (Pin #1 ID) b1 |