| 전자부품 데이터시트 검색엔진 |
|
DFN322 데이터시트(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 데이터시트(HTML) 3 Page - Diodes Incorporated |
|
3 / 51 page ![]() AP02002 Rev. 60 3 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated X1-DFN1212-3 X1-DFN1212-3 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.02 A3 - - 0.13 b 0.27 0.37 0.32 b1 0.17 0.27 0.22 D 1.15 1.25 1.20 E 1.15 1.25 1.20 e - - 0.80 L 0.25 0.35 0.30 All Dimensions in mm X1-DFN1212-3 Type B X1-DFN1212-3 Type B Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.02 A3 - - 0.13 b 0.27 0.37 0.32 b1 0.17 0.27 0.22 D 1.15 1.25 1.20 D2 0.70 0.90 0.80 E 1.15 1.25 1.20 E2 0.10 0.30 0.20 e - - 0.80 L 0.25 0.35 0.30 All Dimensions in mm X2-DFN1410-6 X2-DFN1410-6 Dim Min Max Typ A –– 0.40 0.39 A1 0.00 0.05 0.02 A3 –– –– 0.13 b 0.15 0.25 0.20 D 1.35 1.45 1.40 E 0.95 1.05 1.00 e –– –– 0.50 L 0.25 0.35 0.30 Z –– –– 0.10 Z1 0.045 0.105 0.075 All Dimensions in mm A1 A3 D e E b A b1 (2x) L A A1 A3 b1(2x) D L(3x) E b D2 e E2 D E e L(6x) A A3 (Pin #1 ID) Seating Plane Z(4x) A1 b(6x) Z1(4x) |