| 전자부품 데이터시트 검색엔진 |
|
MPC5744P 데이터시트(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P 데이터시트(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 114 page ![]() Pinouts MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 21 A[9] MSCR[9] 0000 (Default) GPIO[9] SIUL2-GPIO[9] General Purpose IO A[9] I/O 134 166 A4 0001 CS1 DSPI2 DSPI 2 Peripheral Chip Select 1 O 0010 ETC5 eTimer_2 eTimer_2 Input/Output Data Channel 5 I/O 0011 B3 FlexPWM_0 FlexPWM_0 Channel B Input/Output 3 I/O 0100-1111 - Reserved - - IMCR[183] 0001 FAULT0 FlexPWM_0 FlexPWM_0 Fault Input 0 I/O A[10] MSCR[10] 0000 (Default) GPIO[10] SIUL2-GPIO[10] General Purpose IO A[10] I/O 118 145 B11 0001 CS0 DSPI2 DSPI 2 Peripheral Chip Select 0 I/O 0010 B0 FlexPWM_0 FlexPWM_0 Channel B Input/Output 0 I/O 0011 X2 FlexPWM_0 FlexPWM_0 Auxiliary Input/Output 2 I/O 0100-1111 - Reserved - - IMCR[182] 0001 REQ9 SIUL2 SIUL2 External Interrupt Source 9 I A[11] MSCR[11] 0000 (Default) GPIO[11] SIUL2-GPIO[11] General Purpose IO A[11] I/O 120 149 D10 0001 SCK DSPI2 DSPI 2 Serial Clock (output) I/O 0010 A0 FlexPWM_0 FlexPWM_0 Channel A Input/Output 0 I/O 0011 A2 FlexPWM_0 FlexPWM_0 Channel A Input/Output 2 I/O 0100-1111 - Reserved - - IMCR[183] 0001 REQ10 SIUL2 SIUL2 External Interrupt Source 10 I Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |