| 전자부품 데이터시트 검색엔진 |
|
MPC5744P 데이터시트(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P 데이터시트(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 114 page ![]() MPC5744P Data Sheet, Rev. 0.3 Preliminary—Subject to Change Without Notice Pinouts Freescale Semiconductor 30 D[1] MSCR[49] 0000 (Default) GPIO[49] SIUL2-GPIO[49] General Purpose IO D[1] I/O 3 4 E3 0001 - Reserved - - 0010 ETC2 eTimer_1 eTimer_1 Input/Output Data Channel 2 I/O 0011 EXT_TGR CTU_0 CTU 0 External Trigger Output O 0100-1111 - Reserved - - IMCR[136] 0001 FR_A_RX FLEXRAY FlexRay Channel A Receive Pin I D[2] MSCR[50] 0000 (Default) GPIO[50] SIUL2-GPIO[50] General Purpose IO D[2] I/O 140 172 B4 0001 - Reserved - - 0010 ETC3 eTimer_1 eTimer_1 Input/Output Data Channel 3 I/O 0011 X3 FlexPWM_0 FlexPWM_0 Auxiliary Input/Output 3 I/O 0100-1111 - Reserved - - IMCR[137] 0001 FR_B_RX FLEXRAY FlexRay Channel B Receive Pin I D[3] MSCR[51] 0000 (Default) GPIO[51] SIUL2-GPIO[51] General Purpose IO D[3] I/O 128 160 A5 0001 FR_B_TX FLEXRAY FlexRay Transmit Data Chan- nel B O 0010 ETC4 eTimer_1 eTimer_1 Input/Output Data Channel 4 I/O 0011 A3 FlexPWM_0 FlexPWM_0 Channel A Input/Output 3 I/O 0100-1111 - Reserved - - D[4] MSCR[52] 0000 (Default) GPIO[52] SIUL2-GPIO[52] General Purpose IO D[4] I/O 129 161 B7 0001 FR_B_TXEN FLEXRAY FlexRay Transmit Enable Channel B O 0010 ETC5 eTimer_1 eTimer_1 Input/Output Data Channel 5 I/O 0011 B3 FlexPWM_0 FlexPWM_0 Channel B Input/Output 3 I/O 0100-1111 - Reserved - - Table 7. Pin Muxing (continued) Port Pin SIUL2 MSCR/ IMCR Number MSCR/ IMCR SSS Value Signal Module Short Signal Description Dir |