전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7590 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TDA7590
상세설명  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 8Page - STMicroelectronics TDA7590_09 Datasheet HTML 9Page - STMicroelectronics TDA7590_09 Datasheet HTML 10Page - STMicroelectronics TDA7590_09 Datasheet HTML 11Page - STMicroelectronics TDA7590_09 Datasheet HTML 12Page - STMicroelectronics TDA7590_09 Datasheet HTML 13Page - STMicroelectronics TDA7590_09 Datasheet HTML 14Page - STMicroelectronics TDA7590_09 Datasheet HTML 15Page - STMicroelectronics TDA7590_09 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Pin description
TDA7590
12/42
112
IOVSS
I
IO Ground.
113
DB[9]
I/O
Data Bus line 9. Port A external data bus.
114
DB[10]
I/O
Data bus line 10. Port A external data bus.
115
DB[11]
I/O
Data bus line 11. Port A external data bus.
116
DB[12]
I/O
Data bus line 12. Port A external data bus.
117
DB[13]
I/O
Data bus line 13. Port A external data bus.
118
DB[14]
I/O
Data bus line 14. Port A external data bus.
119
IOVDD
I
IO power supply.
120
IOVSS
I
IO Ground.
121
DB[15]
I/O
Data bus line 15. port a external data bus.
122
DB[16]
I/O
Data bus line 16. Port A external data bus.
123
DB[17]
I/O
Data bus line 17. Port A external data bus.
124
DB[18]
I/O
Data bus line 18. Port A external data bus.
125
DB[19]
I/O
Data bus line 19. Port A external data bus.
126
COREVDD
I
Core power supply.
127
COREVSS
I
Core ground.
128
DB[20]
I/O
Data bus line 20. Port A external data bus.
129
IOVDD
I
IO power supply.
130
IOVSS
I
IO ground.
131
DB[21]
I/O
Data bus line 21. Port A external data bus.
132
DB[22]
I/O
Data bus line 22. Port A external data bus.
133
DB[23]
I/O
Data bus line 23. Port A external data bus.
134
IRQA
I
Interrupt request line/ Mode control. Used as mode control during RESET
and as interrupt request line at all other times.
135
IRQB
I
Interrupt request line/ Mode control. Used as mode control during RESET
and as interrupt request line at all other times.
136
IRQC
I
Interrupt request line/ Mode control. Used as mode control during RESET
and as interrupt request line at all other times.
137
IRQD
I
Interrupt request line/ Mode control. Used as mode control during RESET
and as interrupt request line at all other times.
138
TRSTN
I
Test reset. JTAG output pin for serial data out from debug interface.
139
TDI
I
Test data input. JTAG input pin for serial data input for debug interface.
140
TCK
I
Test clock. JTAG input pin for clocking debug interface.
141
TMS
I
Test mode select. JTAG input pin for control of TAP Controller of debug
interface.
142
TDO
O
Test data output. JTAG output pin for serial data out from debug interface.
Table 2.
Pin function (continued)
N°
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com