전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7590 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 TDA7590
상세설명  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 10Page - STMicroelectronics TDA7590_09 Datasheet HTML 11Page - STMicroelectronics TDA7590_09 Datasheet HTML 12Page - STMicroelectronics TDA7590_09 Datasheet HTML 13Page - STMicroelectronics TDA7590_09 Datasheet HTML 14Page - STMicroelectronics TDA7590_09 Datasheet HTML 15Page - STMicroelectronics TDA7590_09 Datasheet HTML 16Page - STMicroelectronics TDA7590_09 Datasheet HTML 17Page - STMicroelectronics TDA7590_09 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Key parameters
TDA7590
14/42
3
Key parameters
3.1
Power consumption
Power consumption depends on application running and DSP clock frequency.
Supply current values are measured and guaranteed at testing level by adopting the
benchmarking program reported in Appendix 1.
Table 4.
Key parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
General
fosc
Crystal frequency
16
MHz
CORE_VDD
Operating voltage
1.62
1.8
1.98
V
CODEC_VDD Operating voltage
3.0
3.3
3.6
V
IOVDD
Operating voltage
3.0
3.3
3.6
V
PLL_VDD
Operating voltage
3.0
3.3
3.6
V
IDD_1.8V
Supply current
150
mA
IDD_3.3V
Supply current
50
mA
Tamb
Operating temperature
-40
85
°C
DSP core
fdsp
DSP clock frequency
120
MHz
ADC single ended
Vpp
Maximum input range at ADC1
1.4
V
THD/S
Total harmonics distortion to signal
-71
dB
(THD+N)/S
(THD + Noise) to signal
-70
dB
DR
Dynamic range
75
dB
ICL
Interchannel Isolation
-100
dB
ADC differential
Vpp
Maximum input range at ADC0M-ADC0P
2.8
V
THD/S
Total harmonics distortion to signal
-65
dB
(THD+N)/S
(THD + Noise) to signal
-65
dB
DR
Dynamic range
84
dB
ICL
Interchannel isolation
-100
dB
DAC single ended
Vpp
Maximum input range at ADC1
1.4
V
THD/S
Total harmonics distortion to signal
-64
dB
(THD+N)
(THD + Noise) to signal
-60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com