전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7590 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 TDA7590
상세설명  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 31Page - STMicroelectronics TDA7590_09 Datasheet HTML 32Page - STMicroelectronics TDA7590_09 Datasheet HTML 33Page - STMicroelectronics TDA7590_09 Datasheet HTML 34Page - STMicroelectronics TDA7590_09 Datasheet HTML 35Page - STMicroelectronics TDA7590_09 Datasheet HTML 36Page - STMicroelectronics TDA7590_09 Datasheet HTML 37Page - STMicroelectronics TDA7590_09 Datasheet HTML 38Page - STMicroelectronics TDA7590_09 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
TDA7590
Appendix 1
35/42
movep b1,x:M_CRB0
ENDIF
IF 1
;------------------------------------------------------------------------
; Enable gpios for TIMER
;------------------------------------------------------------------------
init_gpio
;
movep
#$000000,x:<<PCRC
; ESSI0 port as GPIO
;
movep
#$0000ff,x:<<PRRC
; ESSI0 port as OUT
Movep
#$000000,x:<<PCRD
; ESSI1 port as GPIO
Movep
#$000000,x:<<PRRD
; ESSI1 port as TIMER(INPUT)
;------------------------------------------------------------------------
;
Initialise Timer
;------------------------------------------------------------------------
init_timer
bclr #0,x:M_TCSR0
; Disable Timer0
bclr #0,x:M_TCSR1
; Disable Timer1
bclr #0,x:M_TCSR2
; Disable Timer2
movep #INIT_TCSR0,x:<<M_TCSR0
; Timer0 enable at mode 0 + reload
movep #INIT_TPLR,x:<<M_TPLR
; Initial value of the timer counter
movep #INIT_TLR0,x:<<M_TLR0
; Initial value of the timer counter
movep #INIT_TCPR0,x:<<M_TCPR0
; Number of CLK/2 cycles until a trigger is generated
movep #INIT_TCSR1,x:<<M_TCSR1
; Timer1 enable at mode 0 + reload
movep #INIT_TPLR,x:<<M_TPLR
; Initial value of the timer counter
movep #INIT_TLR1,x:<<M_TLR1
; Initial value of the timer counter
movep #INIT_TCPR1,x:<<M_TCPR1
; Number of CLK/2 cycles until a trigger is generated
movep #INIT_TCSR2,x:<<M_TCSR2
; Timer2 enable at mode 0 + reload
movep #INIT_TPLR,x:<<M_TPLR
; Initial value of the timer counter
movep #INIT_TLR2,x:<<M_TLR2
; Initial value of the timer counter
movep #INIT_TCPR2,x:<<M_TCPR2
; Number of CLK/2 cycles until a trigger is generated
;------------------------------------------------------------------------
;
Initialise Expansion Port and Flex Memory
;------------------------------------------------------------------------
init_expport
movep
#INIT_AAR0,x:EXP_AAR0
; initialise AAR0 control/status reg
movep
#INIT_BCR,x:EXP_BCR
; initialise BCR reg
ENDIF
;------------------------------------------------------------------------
;
Initialise SCI
;------------------------------------------------------------------------
IF 1
init_sci
movep
#$E,x:SCCR_ADR
movep
#$7,x:PCRE_ADR
movep
#$11b02,x:SCR_ADR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42