| 전자부품 데이터시트 검색엔진 |
|
TDA7590 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 42 page ![]() Appendix 1 TDA7590 30/42 ; settings for the clock control register ; 321098765432109876543210 ;INIT_PLL_CLKCTL EQU $018cc1 INIT_PLL_CLKCTL EQU %000000011000001011000001 ; $018cc1 ; 0001 --- DSPDF =1 (actual = DSPDF+1=3) ; 00 ------- TESTSEL ; 1 --------- DCKSRC (0:XTI; 1:FVCO) ; 1 ---------- DACLKEN (1: enable CODEC clocks) ; 0000010 ----------- MFSDF =2 (actual =MFSDF+1 = 3 ) ; 011 ------------------ SEL (000:128,001:256, 010:384, etc) ; 0 --------------------- DSP_XTI (0:vco/DSPDF; 1:xti) ; 0 ---------------------- DAC_SEL (0:vco/MFSDF; 1:ext_dac_clk) ; 0 ----------------------- XTLD (0:Enabled; 1:Disabled) ENDIF ; Settings per sci 115200 ;------------------------------------------------------------------------ ; Timer Intitialisation values ;------------------------------------------------------------------------ ;--- TCSR0 -------------------------------------------------------------------- ; settings for the Timer Control/Status Register ; 321098765432109876543210 INIT_TCSR0 EQU %000000001000101000000100 ; $8A04 mode0 / trm=1 / tce=1 / pce=1/ dir=out INIT_TCSR1 EQU %000000001000101000000100 ; $8A04 mode0 / trm=1 / tce=1 / pce=1/ dir=out INIT_TCSR2 EQU %000000001000101000000100 ; $8A04 mode0 / trm=1 / tce=1 / pce=1/ dir=out ; xx ----------------------->[23-22]; unused ; 0 ---------------------->[21] TCF ; Timer Compare Flag ; 0 --------------------->[20] TOF ; Timer Overflow Flag ; xxxx ----------------->[19-16] ; unused ; 0 ---------------->[15] PCE ; Prescaler Clock Enable ; x --------------->[14] ; unused ; 0 -------------->[13] DO ; Data Output ; 0 ------------->[12] DI ; Data Input ; 1 ------------>[11] DIR ; Direction ; x ----------->[10] ; unused ; 1 ---------->[ 9] TRM ; Timer Reload Mode ; 0 --------->[ 8] INV ; Inverter ; 0000 ----->[7-4] Tc[3-0] ; Timer Control = Mode0 ; x ---->[ 3] ; unused ; 1 --->[ 2] TCIE ; Timer Compare Interrupt Enable ; 0 -->[ 1] TOIE ; Timer Overflow Enable ; 0 ->[ 0] TE ; Timer Enable ;--- TLR0 -------------------------------------------------------------------- ; settings for the Timer Load Register INIT_TLR0 EQU $000000 INIT_TLR1 EQU $000000 INIT_TLR2 EQU $000000 ;--- TCPR0 -------------------------------------------------------------------- ; settings for the Timer Compare Register ;INIT_TCPR0 EQU $000002 ;INIT_TCPR1 EQU $000004 ;INIT_TCPR2 EQU $000008 INIT_TCPR0 EQU $000000 INIT_TCPR1 EQU $000000 |