전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM60C 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STPS20SM60C
상세설명  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM60C 데이터시트(HTML) 1 Page - STMicroelectronics

  STPS20SM60C Datasheet HTML 1Page - STMicroelectronics STPS20SM60C Datasheet HTML 2Page - STMicroelectronics STPS20SM60C Datasheet HTML 3Page - STMicroelectronics STPS20SM60C Datasheet HTML 4Page - STMicroelectronics STPS20SM60C Datasheet HTML 5Page - STMicroelectronics STPS20SM60C Datasheet HTML 6Page - STMicroelectronics STPS20SM60C Datasheet HTML 7Page - STMicroelectronics STPS20SM60C Datasheet HTML 8Page - STMicroelectronics STPS20SM60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2011
Doc ID 022015 Rev 1
1/11
11
STPS20SM60C
Power Schottky rectifier
Features
High current capability
Avalanche rated
Low forward voltage drop
High frequency operation
Description
The STPS20SM60C is a dual diode Schottky
rectifier, suited for high frequency switch mode
power supply.
Packaged in TO-220AB, TO-220FPAB, I2PAK and
D2PAK, this device is intended to be used in
notebook, game station and desktop adapters,
providing in these aplications a good efficiency at
both low and high load.
Figure 1.
Electrical characteristics(a)
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 10 A
VRRM
60 V
VF (typ)
0.420 V
Tj (max)
150 °C
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 14. VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
A1
K
A2
A1
A2
K
A1
A2
K
K
A1
A2
K
K
TO-220AB
STPS20SM60CT
TO-220FPAB
STPS20SM60CFP
I2PAK
STPS20SM60CR
D2PAK
STPS20SM60CG-TR
A1
A2
K
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com


유사한 부품 번호 - STPS20SM60C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS20SM60C STMICROELECTRONICS-STPS20SM60C Datasheet
133Kb / 11P
Power Schottky rectifier
14-Oct-2011
STPS20SM60CR STMICROELECTRONICS-STPS20SM60CR Datasheet
133Kb / 11P
Power Schottky rectifier
14-Oct-2011
More results

유사한 설명 - STPS20SM60C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com