전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM60C 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STPS20SM60C
상세설명  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM60C 데이터시트(HTML) 2 Page - STMicroelectronics

  STPS20SM60C Datasheet HTML 1Page - STMicroelectronics STPS20SM60C Datasheet HTML 2Page - STMicroelectronics STPS20SM60C Datasheet HTML 3Page - STMicroelectronics STPS20SM60C Datasheet HTML 4Page - STMicroelectronics STPS20SM60C Datasheet HTML 5Page - STMicroelectronics STPS20SM60C Datasheet HTML 6Page - STMicroelectronics STPS20SM60C Datasheet HTML 7Page - STMicroelectronics STPS20SM60C Datasheet HTML 8Page - STMicroelectronics STPS20SM60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS20SM60C
2/11
Doc ID 022015 Rev 1
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
ΔTj(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values, per diode, at Tamb = 25 °C unless
otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current,
δ = 0.5
TO-220AB,
I2PAK, D2PAK
Tc = 135 °C
Tc = 130 °C
Per diode
Per device
10
20
A
TO-220FPAB
Tc = 110 °C
Tc = 90 °C
Per diode
Per device
10
20
IFSM
Surge non repetitive
forward current
tp = 10 ms sine-wave
220
A
PARM
(1)
1.
For temperature or pulse time duration deratings, please refer to Figure 4 and 5. More details regarding the
avalanche energy measurements and diode validation in the avalanche are provided in the application
notes AN1768 and AN2025.
Repetitive peak avalanche power
Tj = 25 °C, tp = 1 µs
8700
W
VARM
(2)
2.
See Figure 14
Maximum repetitive peak
avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 32.6 A
80
V
VASM
(2)
Maximum single pulse
peak avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 32.6 A
80
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(3)
3.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB
I2PAK, D2PAK
per diode
2.00
°C/W
total
1.13
TO-220FPAB
per diode
4.90
total
4.05
Rth(c)
Coupling
TO-220AB, I2PAK, D2PAK
0.25
°C/W
TO-220FPAB
3.20
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com