전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM60C 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STPS20SM60C
상세설명  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM60C 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STPS20SM60C Datasheet HTML 3Page - STMicroelectronics STPS20SM60C Datasheet HTML 4Page - STMicroelectronics STPS20SM60C Datasheet HTML 5Page - STMicroelectronics STPS20SM60C Datasheet HTML 6Page - STMicroelectronics STPS20SM60C Datasheet HTML 7Page - STMicroelectronics STPS20SM60C Datasheet HTML 8Page - STMicroelectronics STPS20SM60C Datasheet HTML 9Page - STMicroelectronics STPS20SM60C Datasheet HTML 10Page - STMicroelectronics STPS20SM60C Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPS20SM60C
10/11
Doc ID 022015 Rev 1
3
Ordering information
4
Revision history
Table 9.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
STPS20SM60CT
STPS20SM60CT
TO-220AB
2.20 g
50
Tube
STPS20SM60CFP
PS20SM60CFP
TO-220FPAB
2.0 g
50
Tube
STPS20SM60CR
STPS20SM60CR
I2PAK
1.49 g
50
Tube
STPS20SM60CG-TR
STPS20SM60CG
D2PAK
1.48 g
1000
Tape and reel
Table 10.
Revision history
Date
Revision
Changes
14-Oct-2011
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com