전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXP-85232A 데이터시트(PDF) 6 Page - Sony Corporation

부품명 CXP-85232A
상세설명  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85232A 데이터시트(HTML) 6 Page - Sony Corporation

Back Button CXP-85232A Datasheet HTML 2Page - Sony Corporation CXP-85232A Datasheet HTML 3Page - Sony Corporation CXP-85232A Datasheet HTML 4Page - Sony Corporation CXP-85232A Datasheet HTML 5Page - Sony Corporation CXP-85232A Datasheet HTML 6Page - Sony Corporation CXP-85232A Datasheet HTML 7Page - Sony Corporation CXP-85232A Datasheet HTML 8Page - Sony Corporation CXP-85232A Datasheet HTML 9Page - Sony Corporation CXP-85232A Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
– 6 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
Symbol
EXLC
XLC
EXTAL
XTAL
RST
MP
VDD
Vss
Input
Output
Input
Output
I/O
Input
Clock oscillation I/Os for CRT display.
Oscillation frequency is set using the external L and C.
Crystai connectors for system clock oscillation. When the clock is
supplied externally, input to EXTAL; opposite phase clock should be
input to XTAL.
Low-level active, system reset. RST is an I/O, from whlch Low level is
output when the built-in power-on reset function is activated at the rise
of power on. (Mask option)
Microprocessor mode input. For this device, this pin must be grounded.
Vcc supply.
GND. Both Vss must be grounded.
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20