전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXR702F080 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXR702F080
상세설명  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 데이터시트(HTML) 4 Page - Sony Corporation

  CXR702F080 Datasheet HTML 1Page - Sony Corporation CXR702F080 Datasheet HTML 2Page - Sony Corporation CXR702F080 Datasheet HTML 3Page - Sony Corporation CXR702F080 Datasheet HTML 4Page - Sony Corporation CXR702F080 Datasheet HTML 5Page - Sony Corporation CXR702F080 Datasheet HTML 6Page - Sony Corporation CXR702F080 Datasheet HTML 7Page - Sony Corporation CXR702F080 Datasheet HTML 8Page - Sony Corporation CXR702F080 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
– 4 –
CXR702F080
• Pin Assignment Table
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
Pin
position
B1
B2
C2
D2
C1
D4
D3
E2
D1
E4
E3
F2
E1
F4
F3
G2
F1
G4
G3
H2
G1
H4
H3
J2
H1
J4
J3
K2
J1
K4
K3
L2
K1
L4
L3
L1
M2
Symbol
PB3
PB4
PB5
PB6
PB7
VDD
VSS
PC0
PC1
PC2
PC3
PC4
PC5
PD0
PD1
PD2
PD3
VDD
VSS
PE0/INT0
PE1/INT1
PE2/INT2
PE3/INT3
PE4/INT4
PE5/INT5
PE6/INT6
PE7/INT7
PF0/EC0
PF1/T1
PF2/EC2
PF3/T3
PF4/BEEP
PF5/TXOUT
VDD
VSS
PG0/CT0ED0
PG1/CT0ED1
Pin
No.
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
Pin
position
N2
M1
M3
N3
N1
P1
R1
R2
P2
P3
P4
R3
M4
N4
P5
R4
M5
N5
P6
R5
M6
N6
P7
R6
M7
N7
P8
R7
M8
N8
P9
R8
M9
N9
P10
R9
M10
Symbol
PG2/CT1ED0
PG3/CT1ED1
PG4/CT2ED0
PG5/CT2ED1
PH0/TxD0
PH1/RxD0
PH2/TxD1
PH3/RxD1
VDD
VSS
PI0/MD0
PI1/MD1
PI2/MD2
PI3/MD3
PI4/MD4
PI5/MD5
PI6/MD6
PI7/MD7
VDD
VSS
PJ0/D0
PJ1/D1
PJ2/D2
PJ3/D3
PJ4/D4
PJ5/D5
PJ6/D6
PJ7/D7
VDD
VSS
PK0/D8
PK1/D9
PK2/D10
PK3/D11
PK4/D12
PK5/D13
PK6/D14
Pin
No.
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
Pin
position
M11
N10
R10
P11
N11
R11
P12
P13
R12
N12
N13
R13
R14
R15
P15
P14
N14
M14
N15
M12
M13
L14
M15
L12
L13
K14
L15
K12
K13
J14
K15
J12
J13
H14
J15
H12
H13
Symbol
PK7/D15
VDD
TEX
TX
VSS
CS0
CS1
RD
LWR/LB
UWR/UB
MRD
MWE/WE
MCS0
VDD
VSS
MA0
MA1/A9
MA2/A10
MA3/A11
MA4/A12
MA5/A13
MA6/A14
MA7/A15
MA8/A16
PL0/MA9/A17
PL1/MA10/A18
PL2/MA11/A19
PL3/MA12/A20
PL4/MA13/A21
PL5/MA14/A22
PL6/MA15/A23
VDD
VSS
MA16
MA17
MA18/A0
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32