전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXR702F080 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CXR702F080
상세설명  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 데이터시트(HTML) 5 Page - Sony Corporation

  CXR702F080 Datasheet HTML 1Page - Sony Corporation CXR702F080 Datasheet HTML 2Page - Sony Corporation CXR702F080 Datasheet HTML 3Page - Sony Corporation CXR702F080 Datasheet HTML 4Page - Sony Corporation CXR702F080 Datasheet HTML 5Page - Sony Corporation CXR702F080 Datasheet HTML 6Page - Sony Corporation CXR702F080 Datasheet HTML 7Page - Sony Corporation CXR702F080 Datasheet HTML 8Page - Sony Corporation CXR702F080 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
– 5 –
CXR702F080
PN5/SO1
PN6/SI1
PN7/SCS1/INT9
PO0/SCK2
PO1/SO2
PO2/SI2
PO3/SCS2
XOUT/CKO
VDD
VSS
PWE
NC
PA0/WAIT
PA1/CS2
PA2/CS3
PA3/CS4
PA4/CS5
PA5/MCS1
PB0
PB1
PB2
Pin
No.
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
Pin
position
G14
H15
G12
G13
F14
G15
F12
F13
E14
F15
E12
E13
E15
D14
C14
D15
D13
C13
C15
B15
A15
A14
Symbol
A2
A3
A4
A5
A6
A7
A8
VDD
EXTAL
XTAL
VSS
MSDIO
MSBS
MSSCLK
MSDIR
MSINS
DACK0
DACK1
DREQ0
DREQ1
TEST2
TEST0
Pin
No.
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
Pin
position
B14
B13
B12
A13
D12
C12
B11
A12
D11
C11
B10
A11
D10
C10
B9
A10
D9
C9
B8
A9
D8
C8
Symbol
TEST1
AN0
PM0/AN1
PM1/AN2
PM2/AN3
AVSS
AVREF
AVDD
TDI
TMS
TRST
TCK
RTCK
TDO
RST
VDD
VSS
PN0/SCK0
PN1/SO0
PN2/SI0
PN3/SCS0/INT8
PN4/SCK1
Pin
No.
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
Pin
position
B7
A8
D7
C7
B6
A7
D6
C6
B5
A6
D5
C5
A5
B4
B3
A4
C4
C3
A3
A2
A1
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32