| 전자부품 데이터시트 검색엔진 |
|
PXR40 데이터시트(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PXR40 데이터시트(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 100 page ![]() 220 MDO0_GPIO220 (GPIO function on this pin is only available on Rev.2 of the device) –13 MDO015 Nexus message data out O F VDDE2 O/Low MDO0/Low U3 A1 —— — A2 —— — G GPIO220 GPIO I/O 221 MDO1_GPIO221 (GPIO function on this pin is only available on Rev.2 of the device) –13 MDO115 Nexus message data out O F VDDE2 O/Low —/Down U4 A1 —— — A2 —— — G GPIO221 GPIO I/O 222 MDO2_GPIO222 (GPIO function on this pin is only available on Rev.2 of the device) –13 MDO215 Nexus message data out O F VDDE2 O/Low —/Down V1 A1 —— — A2 —— — G GPIO222 GPIO I/O 223 MDO3_GPIO223 (GPIO function on this pin is only available on Rev.2 of the device) –13 MDO315 Nexus message data out O F VDDE2 O/Low —/Down V2 A1 —— — A2 —— — G GPIO223 GPIO I/O 75 MDO4_GPIO75 (GPIO function on this pin is only available on Rev.2 of the device) –13 MDO415 Nexus message data out O F VDDE2 O/Low —/Down V3 A1 —— — A2 —— — G GPIO75 GPIO I/O 76 MDO5_GPIO76 (GPIO function on this pin is only available on Rev.2 of the device) –13 MDO515 Nexus message data out O F VDDE2 O/Low —/Down V4 A1 —— — A2 —— — G GPIO76 GPIO I/O Table 2. Signal Properties and Muxing Summary (continued) Signal Name2 Function4 Function Summary State during RESET7 State after RESET8 Package Location (416) |