전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5433 데이터시트(PDF) 16 Page - Analog Devices

부품명 ADG5433
상세설명  High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5433 데이터시트(HTML) 16 Page - Analog Devices

Back Button ADG5433 Datasheet HTML 12Page - Analog Devices ADG5433 Datasheet HTML 13Page - Analog Devices ADG5433 Datasheet HTML 14Page - Analog Devices ADG5433 Datasheet HTML 15Page - Analog Devices ADG5433 Datasheet HTML 16Page - Analog Devices ADG5433 Datasheet HTML 17Page - Analog Devices ADG5433 Datasheet HTML 18Page - Analog Devices ADG5433 Datasheet HTML 19Page - Analog Devices ADG5433 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADG5433/ADG5434
Data Sheet
Rev. B | Page 16 of 24
TEST CIRCUITS
Sx
Dx
A
VD
ID (ON)
NC
NC = NO CONNECT
Figure 25. On Leakage
IDS
Sx
Dx
VS
V
Figure 26. On Resistance
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
GND
SxA
Dx
SxB
VOUT
NETWORK
ANALYZER
RL
50Ω
R
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
INx
Figure 27. Channel-to-Channel Crosstalk
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
IN
VIN
SxA
Dx
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
50Ω
NC
SxB
OFF ISOLATION = 20 log
VOUT
VS
Figure 28. Off Isolation
Sx
Dx
VS
A
A
VD
IS (OFF)
ID (OFF)
Figure 29. Off Leakage
VOUT
RS
AUDIO PRECISION
RL
1kΩ
INx
VIN
Sx
Dx
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 30. THD + Noise
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
INx
VIN
SxA
Dx
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
50Ω
NC
SxB
INSERTION LOSS = 20 log
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Figure 31. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com