전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5433 데이터시트(PDF) 17 Page - Analog Devices

부품명 ADG5433
상세설명  High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5433 데이터시트(HTML) 17 Page - Analog Devices

Back Button ADG5433 Datasheet HTML 13Page - Analog Devices ADG5433 Datasheet HTML 14Page - Analog Devices ADG5433 Datasheet HTML 15Page - Analog Devices ADG5433 Datasheet HTML 16Page - Analog Devices ADG5433 Datasheet HTML 17Page - Analog Devices ADG5433 Datasheet HTML 18Page - Analog Devices ADG5433 Datasheet HTML 19Page - Analog Devices ADG5433 Datasheet HTML 20Page - Analog Devices ADG5433 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADG5433/ADG5434
Rev. B | Page 17 of 24
INx
VOUT
Dx
SxA
VDD
VSS
VDD
VSS
GND
CL
35pF
SxB
VIN
VS
0.1µF
0.1µF
RL
300Ω
50%
50%
90%
50%
50%
90%
tON
tOFF
VIN
VOUT
VIN
Figure 32. Switching Timing
INx
VOUT
Dx
SxA
VDD
VSS
VDD
VSS
GND
CL
35pF
SxB
VIN
VS
RL
300
80%
tD
tD
VOUT
VIN
0.1µF
0.1µF
Figure 33. Break-Before-Make Delay, tD
EN
IN2
VDD
VSS
VDD
VSS
GND
ADG5433
IN1
S1B
S1A
VIN
0.1µF
0.1µF
IN3
VS
VOUT
D1
CL
35pF
50%
0.9VOUT
0.9VOUT
tON (EN)
50%
VOUT
0V
0V
ENABLE
DRIVE (VIN)
OUTPUT
3V
tOFF (EN)
RL
300Ω
50Ω
Figure 34. Enable Delay, tON (EN), tOFF (EN)
VIN (NORMALLY
CLOSED SWITCH)
VOUT
VIN (NORMALLY
OPEN SWITCH)
OFF
ΔVOUT
ON
QINJ = CL × ΔVOUT
INx
VOUT
NC
SxA
VDD
VSS
VDD
VSS
GND
CL
1nF
Dx
VIN
VS
0.1µF
0.1µF
SxB
Figure 35. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com