전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY8C56LP 데이터시트(PDF) 86 Page - Cypress Semiconductor

부품명 CY8C56LP
상세설명  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP 데이터시트(HTML) 86 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 82Page - Cypress Semiconductor CY8C56LP Datasheet HTML 83Page - Cypress Semiconductor CY8C56LP Datasheet HTML 84Page - Cypress Semiconductor CY8C56LP Datasheet HTML 85Page - Cypress Semiconductor CY8C56LP Datasheet HTML 86Page - Cypress Semiconductor CY8C56LP Datasheet HTML 87Page - Cypress Semiconductor CY8C56LP Datasheet HTML 88Page - Cypress Semiconductor CY8C56LP Datasheet HTML 89Page - Cypress Semiconductor CY8C56LP Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 86 of 120
11.5.6 Current Digital-to-analog Converter(IDAC)
All specifications are based on use of the low-resistance IDAC output pins (see Pin Descriptions on page 9 for details). See the IDAC
component data sheet in PSoC Creator for full electrical specifications and APIs.
Unless otherwise specified, all charts and graphs show typical values.
Table 11-30. IDAC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
–
–
8
bits
IOUT
Output current at code = 255
Range = 2.04 mA, code = 255,
VDDA ≥ 2.7 V, Rload = 600 Ω
–2.04
–
mA
Range = 2.04 mA, High mode,
code = 255, VDDA ≤ 2.7 V, Rload =
300
Ω
–2.04
–
mA
Range = 255 µA, code = 255, Rload
= 600
Ω
–255
–
µA
Range = 31.875 µA, code = 255,
Rload = 600
Ω
–
31.875
–
µA
Monotonicity
–
–
Yes
Ezs
Zero scale error
–
0
±1
LSB
Eg
Gain error
Range = 2.04 mA
–
–
±2.5
%
Range = 255 µA
–
–
±2.5
%
Range = 31.875 µA
–
–
±3.5
%
TC_Eg
Temperature coefficient of gain
error
Range = 2.04 mA
–
–
0.045
% / °C
Range = 255 µA
–
–
0.045
% / °C
Range = 31.875 µA
–
–
0.05
% / °C
INL
Integral nonlinearity
Sink mode, range = 255 µA, Codes
8 – 255, Rload = 2.4 k
Ω,
Cload = 15 pF
–±0.9
±1
LSB
Source mode, range = 255 µA,
Codes 8 – 255, Rload = 2.4 k
Ω,
Cload = 15 pF
–±1.2
±1.5
LSB
Source mode, range = 31.875 µA,
Codes 8 - 255, Rload = 20 kΩ,
Cload = 15 pF
–±0.9
±2
LSB
Sink mode, range = 31.875 µA,
Codes 8 - 255, Rload = 20 kΩ,
Cload = 15 pF
–±0.9
±2
LSB
Souce mode, range = 2.04 mA,
Codes 8 - 255, Rload = 600 Ω,
Cload = 15 pF
–±0.9
±2
LSB
Sink mode, range = 2.04 mA,
Codes 8 - 255, Rload = 600 Ω,
Cload = 15 pF
–±0.6
±1
LSB
Note
49. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com