전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY8C56LP 데이터시트(PDF) 92 Page - Cypress Semiconductor

부품명 CY8C56LP
상세설명  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP 데이터시트(HTML) 92 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 88Page - Cypress Semiconductor CY8C56LP Datasheet HTML 89Page - Cypress Semiconductor CY8C56LP Datasheet HTML 90Page - Cypress Semiconductor CY8C56LP Datasheet HTML 91Page - Cypress Semiconductor CY8C56LP Datasheet HTML 92Page - Cypress Semiconductor CY8C56LP Datasheet HTML 93Page - Cypress Semiconductor CY8C56LP Datasheet HTML 94Page - Cypress Semiconductor CY8C56LP Datasheet HTML 95Page - Cypress Semiconductor CY8C56LP Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 92 of 120
Figure 11-54. VDAC Full Scale Error vs Temperature, 1 V
Mode
Figure 11-55. VDAC Full Scale Error vs Temperature, 4 V
Mode
Figure 11-56. VDAC Operating Current vs Temperature, 1V
Mode, Slow Mode
Figure 11-57. VDAC Operating Current vs Temperature, 1 V
Mode, Fast Mode
Table 11-33. VDAC AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
FDAC
Update rate
1 V scale
–
–
1000
ksps
4 V scale
–
–
250
ksps
TsettleP
Settling time to 0.1%, step 25% to
75%
1 V scale, Cload = 15 pF
–
0.45
1
µs
4 V scale, Cload = 15 pF
–
0.8
3.2
µs
TsettleN
Settling time to 0.1%, step 75% to
25%
1 V scale, Cload = 15 pF
–
0.45
1
µs
4 V scale, Cload = 15 pF
–
0.7
3
µs
Voltage noise
Range = 1 V, fast mode, VDDA =
5 V, 10 kHz
–750
–
nV/sqrtHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com