전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY8C56LP 데이터시트(PDF) 96 Page - Cypress Semiconductor

부품명 CY8C56LP
상세설명  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP 데이터시트(HTML) 96 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 92Page - Cypress Semiconductor CY8C56LP Datasheet HTML 93Page - Cypress Semiconductor CY8C56LP Datasheet HTML 94Page - Cypress Semiconductor CY8C56LP Datasheet HTML 95Page - Cypress Semiconductor CY8C56LP Datasheet HTML 96Page - Cypress Semiconductor CY8C56LP Datasheet HTML 97Page - Cypress Semiconductor CY8C56LP Datasheet HTML 98Page - Cypress Semiconductor CY8C56LP Datasheet HTML 99Page - Cypress Semiconductor CY8C56LP Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 96 of 120
Figure 11-63. Bandwidth vs. Temperature, at Different Gain
Settings, Power Mode = High
Figure 11-64. Noise vs. Frequency, Vdda = 5 V,
Power Mode = High
11.5.11 Temperature Sensor
11.5.12 LCD Direct Drive
Table 11-39. PGA AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
BW1
–3 dB bandwidth
Power mode = high,
gain = 1, input = 100 mV
peak-to-peak
6.7
8
–
MHz
SR1
Slew rate
Power mode = high,
gain = 1, 20% to 80%
3––
V/µs
en
Input noise density
Power mode = high,
VDDA = 5 V, at 100 kHz
–43
–
nV/sqrtHz
1
10
0.1
-40
-20
0
20406080
Temperature, °C
Gain = 1
Gain = 24
Gain = 48
100
1000
10
0.01
0.1
1
10
100
1000
Frequency, kHz
Table 11-40. Temperature Sensor Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Temp sensor accuracy
Range: –40 °C to +85 °C
–
±5
–
°C
Table 11-41. LCD Direct Drive DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
LCD Block (no glass)
Device sleep mode with wakeup at
400 Hz rate to refresh LCD, bus,
clock = 3MHz, Vddio = Vdda = 3 V, 8
commons, 16 segments, 1/5 duty
cycle, 40 Hz frame rate, no glass
connected
–81
–
μA
ICC_SEG
Current per segment driver
Strong drive mode
–
260
–
µA
VBIAS
LCD bias range (VBIAS refers to the main
output voltage(V0) of LCD DAC)
VDDA ≥ 3 V and VDDA ≥ VBIAS
2–
5
V
LCD bias step size
VDDA ≥ 3 V and VDDA ≥ VBIAS
–
9.1 × VDDA
–mV
LCD capacitance per segment/
common driver
Drivers may be combined
–
500
5000
pF
Maximum segment DC offset
Vdda
≥ 3V and Vdda ≥ Vbias
–
–
20
mV
IOUT
Output drive current per segment driver) VDDIO = 5.5 V, strong drive mode
355
–
710
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com