전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML5012 데이터시트(PDF) 22 Page - Minilogic Device Corporation Limited

부품명 ML5012
상세설명  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINILOGIC [Minilogic Device Corporation Limited]
홈페이지  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 데이터시트(HTML) 22 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 22Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 23Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 24Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 25Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 26Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
P22/29
Rev. M, May 2010
ML5012
Input voltage and A/Ded data at AD_Range = 1 (ie. A/D data = -2,047 ~ 2,047)
A/Ded data is a 12 bits signed data which A/D[11] shows the sign of A/Ded data as follow :
Case 1 : If A/D[11] = 0,
Input voltage = + A/D[10:0] / 2048 *VR (V) / PGA gain
Case 2 : If A/D[11] = 1,
Input voltage = - A/D[10:0] / 2048 *VR (V) / PGA gain
Note: A/Ded data (signed 12 bits) = Converts into decimal value
Executing RR_AD command could read out the contents of A/D register to DOUT pin. Please refer
to section 1-5. for the operation of RR_AD command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29