전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML5012 데이터시트(PDF) 14 Page - Minilogic Device Corporation Limited

부품명 ML5012
상세설명  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINILOGIC [Minilogic Device Corporation Limited]
홈페이지  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 데이터시트(HTML) 14 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 18Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
P14/29
Rev. M, May 2010
ML5012
1-5 RR_STCH Command. Read STCH register value
The following diagram shows the timing diagram of reading data from the STCH register.
The DIN data in C1~C4 cycle is RR_STCH command code.
The DOUT data in C5 cycle is RC oscillator enable bit, D11 = ENOSC.
The DOUT data in C6 cycle is AD Range Select, D10 = AD_RANGE.
The DOUT data in C7~C9 cycle is Channel AB select, D9 – D7 = CHAB_SEL[2:0].
The DOUT data in C10~C12 cycle is Channel B select, D6 – D4 = CHB_SEL[2:0].
The DOUT data in C13~C16 cycles are MOSFET enable, D3 = M1_ENB, D2 = M2_ENB, D1 = M3_ENB, D0 = M4_ENB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29