| 전자부품 데이터시트 검색엔진 |
|
PIC24FV32KA301-I/SS 데이터시트(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA301-I/SS 데이터시트(HTML) 46 Page - Microchip Technology |
|
46 / 364 page ![]() TABLE 4-14: PORTC REGISTER MAP(1) File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TRISC 02D0 — — — — — — TRISC9 TRISC8 TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 03FF PORTC 02D2 — — — — — — RC9 RC8 RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 xxxx LATC 02D4 — — — — — — LATC9 LATC8 LATC7 LATC6 LATC5 LATC4 LATC3 LATC2 LATC1 LATC0 xxxx ODCC 02D6 — — — — — — ODC9 ODC8 ODC7 ODC6 ODC5 ODC4 ODC3 ODC2 ODC1 ODC0 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: PORTC is not implemented in 20-pin devices or 28-pin devices. TABLE 4-15: PAD CONFIGURATION REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets PADCFG1 02FC — — — — — — — — — — SMBUSDEL2 SMBUSDEL1 — — — — 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |