전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FV32KA301-I/SS 데이터시트(PDF) 17 Page - Microchip Technology

부품명 PIC24FV32KA301-I/SS
상세설명  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS 데이터시트(HTML) 17 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 13Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 14Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 15Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 16Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 17Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 18Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 19Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 20Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 364 page
background image
C3INA
18
26
23
15
16
18
26
23
15
16
I
ANA
Comparator 3 Input A (+)
C3INB
17
25
22
14
15
17
25
22
14
15
I
ANA
Comparator 3 Input B (-)
C3INC
2
2
27
19
21
2
2
27
19
21
I
ANA
Comparator 3 Input C (+)
C3IND
4
4
1
21
23
4
4
1
21
23
I
ANA
Comparator 3 Input D (-)
C3OUT
12
1714
44
481217144448
O
—
Comparator 3 Output
CLK I
7
9
6
30
33
7
9
6
30
33
I
ANA
Main Clock Input
CLKO
8107
31
34810731
34
O
—
System Clock Output
CN0
10
12
9
34
37
10
12
9
34
37
I
ST
Interrupt-on-Change Inputs
CN1
9118
33
36
9
118
33
36
I
ST
CN2
2
2
27
19
21
2
2
27
19
21
I
ST
CN3
3
3
28
20
22
3
3
28
20
22
I
ST
CN4
4
4
1
21
23
4
4
1
21
23
I
ST
CN5
5
5
2
22
24
5
5
2
22
24
I
ST
CN6
6
6
3
23
25
6
6
3
23
25
I
ST
CN7
—
7
4
24
26
–-
7
4
24
26
I
ST
CN8
14
20
17
7
7
–-
–-
–-
—
–-
I
ST
CN9
–-
19
16
6
6
–-
19
16
6
6
I
ST
CN10
–-
—
—
27
29
–-
–-
–-
27
29
I
ST
CN11
18
26
23
15
16
18
26
23
15
16
I
ST
CN12
17
25
22
14
15
17
25
22
14
15
I
ST
CN13
16
24
21
11
12
16
24
21
11
12
I
ST
CN14
15
23
20
10
11
15
23
20
10
11
I
ST
CN15
–-
22
19
9
10
–-
22
19
9
10
I
ST
CN16
–-
21
18
8
9
–-
21
18
8
9
I
ST
CN17
–-
—
—
3
3
–-
—
—
3
3
I
ST
CN18
—
—
—
2
2
—
—
—
2
2
I
ST
CN19
–-
—
—
5
5
—
—
–-
5
5
I
ST
CN20
–-
—
—
4
4
—
–-
–-
4
4
I
ST
CN21
13
18
15
1
1
13
18
15
1
1
I
ST
CN22
12
17
14
44
48
12
17
14
44
48
I
ST
TABLE 1-3:
PIC24FV32KA304 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
FFV
I/O
Buffer
Description
Pin Number
Pin Number
20-Pin
PDIP/
SSOP/
SOIC
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/
TQFP
48-Pin
UQFN
20-Pin
PDIP/
SSOP/
SOIC
28-Pin
SPDIP/
SSOP/
SOIC
28-Pin
QFN
44-Pin
QFN/
TQFP
48-Pin
UQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More